Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9SBV0802 Datasheet (PDF) - Renesas Technology Corp

9SBV0802 Datasheet PDF - Renesas Technology Corp
Part # 9SBV0802
Download  9SBV0802 Download
File Size   588.95 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 1:4 Fanout Buffer with 1.05V Single-Ended Inputs and Outputs

9SBV0802 Datasheet (PDF)

Go To PDF Page Download Datasheet
9SBV0802 Datasheet PDF - Renesas Technology Corp

Part # 9SBV0802
Download  9SBV0802 Click to download

File Size   588.95 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 1:4 Fanout Buffer with 1.05V Single-Ended Inputs and Outputs

9SBV0802 Datasheet (HTML) - Renesas Technology Corp


9SBV0802 Product details

Description
The 9SBV0802 provides two banks of four 1.05V LVCMOS
outputs. Each bank has its own input. There are three OE
pins. Two OE pins control two outputs each and one OE pin
controls four outputs. One 9SBV0802 allows one PCH to
easily support four CPUs with point to point routing of the
PM signals. Two 9SBV0802 devices allow one PCH to
easily support up to eight CPUs with point-to-point routing
of the PM signals.
Typical Application
Fanout buffer for PM-SYNC and PM_SYNC CLK in Intel
Servers
Output Features
• Eight 1–48MHz 1.05V LVCMOS outputs
Key Specifications
• Additive cycle-to-cycle jitter < 8ps
• Output-to-output skew within a bank < 50ps
• Output-to-output skew between banks < 100ps

Features
• 1.8V power supply, 15mW typical power consumption;
eliminate thermal concerns
• OE pins; support 1, 2, 3 or 4 socket systems
• 1.05V LVCMOS inputs with VREF pin; input thresholds
matched to chipset power supply
• Space saving 4 × 4 mm 20-VFQFPN; minimal board
space





Similar Description - 9SBV0802

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL13 ONSEMI-MC100LVEL13 Datasheet
91Kb / 3P
Dual 1:3 Fanout Buffer
1996 REV 1
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
1:4 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
1:4 Clock Fanout Buffer
logo
Maxim Integrated Produc...
MAX9310A MAXIM-MAX9310A Datasheet
176Kb / 11P
1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
logo
Micrel Semiconductor
SY58032U MICREL-SY58032U Datasheet
110Kb / 7P
ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U_10 Datasheet
671Kb / 9P
ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
logo
Integrated Device Techn...
8P34S2104 IDT-8P34S2104 Datasheet
439Kb / 19P
Dual 1:4 LVDS Output 1.8V Fanout Buffer
8SLVD2104 IDT-8SLVD2104 Datasheet
436Kb / 16P
Dual 1:4, LVDS Output Fanout Buffer
8P34S2104 IDT-8P34S2104_18 Datasheet
321Kb / 17P
Dual 1:4 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8SLVD2104 RENESAS-8SLVD2104 Datasheet
629Kb / 17P
Dual 1:4, LVDS Output Fanout Buffer 8SLVD2104
08/03/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com