Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9VRS4818B Datasheet (PDF) - Renesas Technology Corp

9VRS4818B Datasheet PDF - Renesas Technology Corp
Part # 9VRS4818B
Download  9VRS4818B Download
File Size   413.41 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FUSION II CLOCK GENERATOR

9VRS4818B Datasheet (PDF)

Go To PDF Page Download Datasheet
9VRS4818B Datasheet PDF - Renesas Technology Corp

Part # 9VRS4818B
Download  9VRS4818B Click to download

File Size   413.41 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FUSION II CLOCK GENERATOR

9VRS4818B Datasheet (HTML) - Renesas Technology Corp


9VRS4818B Product details

General Description
The 9VRS4818B is a 1.5V Core main clock synthesizer
chip for AMD Fusion platform. An SMBus interface allows
full control of the device.
Recommended Application
Very Low Power Clock Generator for AMD Fusion II
Platforms
Input/Output Features
• Low power differential outputs with integrated series
resistors for Zo=50ohm systems
• 12 - Differential PCIe Gen2 SRC pairs w/dedicated
CLKREQ# pins
• 3 - Differential PCIe Gen2 SATA_DISPLAY pairs
w/microspread capability
• 2 - 48MHz USB clocks (180 degrees out of phase for EMI
reduction)
• 2 - 14.318MHz REF clock outputs
• 1 - 25MHz LAN clock output that can run from VDD
suspend rail
• 1 - CkPwrGd/WOL_STOP#
• 1 - VDD_SUSPEND pin
• 1- RESET_IN# pin

Features/Benefits
• 1.5V Core for minimal Power consumption
• Spread Spectrum for EMI reduction
• Outputs may be disabled via SMBus
• External crystal load capacitors for maximum frequency
accuracy
Key Specifications
• SRC/SATA_DISP output cycle-to-cycle jitter < 125ps
• 14.318MHz output cycle-to-cycle jitter < 200ps
• 48MHz output cycle-to-cycle jitter < 130ps
• SRC/SATA_DISP output phase jitter < 3.1ps rms (PCIe
Gen2)
• +/- 100ppm frequency accuracy on all clocks, (assuming
REF is trimmed to 0 ppm)
• 31.5KHz spread modulation frequency; passes USB3.0
compliance test




Similar Part No. - 9VRS4818B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9VRS4338D IDT-9VRS4338D Datasheet
332Kb / 23P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
logo
Renesas Technology Corp
9VRS4338D RENESAS-9VRS4338D Datasheet
457Kb / 24P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
2019
logo
Integrated Device Techn...
9VRS4338DKLF IDT-9VRS4338DKLF Datasheet
332Kb / 23P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
logo
Renesas Technology Corp
9VRS4338DKLF RENESAS-9VRS4338DKLF Datasheet
457Kb / 24P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
2019
logo
Integrated Device Techn...
9VRS4338DKLFT IDT-9VRS4338DKLFT Datasheet
332Kb / 23P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
More results


Similar Description - 9VRS4818B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
CLOCK GENERATOR
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
Clock Generator
BU3072HFV ROHM-BU3072HFV Datasheet
248Kb / 6P
Clock Generator
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
Clock Generator
July, 2014 ??Rev. 1
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
Clock Generator
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
Clock Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com