Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56F802TA80 Datasheet (PDF) - NXP Semiconductors

DSP56F802TA80 Datasheet PDF - NXP Semiconductors
Part # DSP56F802TA80
Download  DSP56F802TA80 Download
File Size   1435.14 Kbytes
Page   40 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-bit Digital Signal Controllers

DSP56F802TA80 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56F802TA80 Datasheet PDF - NXP Semiconductors

Part # DSP56F802TA80
Download  DSP56F802TA80 Click to download

File Size   1435.14 Kbytes
Page   40 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-bit Digital Signal Controllers

DSP56F802TA80 Datasheet (HTML) - NXP Semiconductors


DSP56F802TA80 Product details

General Description
• Up to 30 MIPS operation at 60MHz core frequency
• Up to 40 MIPS operation at 80MHz core frequency
• DSP and MCU functionality in a unified,
C-efficient architecture
• MCU-friendly instruction set supports both DSP and
controller functions: MAC, bit manipulation unit, 14
addressing modes
• Hardware DO and REP loops
• 6-channel PWM Module with fault input

1.1 56F802 Features
1.1.1Processing Core
•Efficient 16-bit 56800 family controller engine with dual Harvard architecture
•As many as 40 Million Instructions Per Second (MIPS) at 80 MHz core frequency
•Single-cycle 16 × 16-bit parallel Multiplier-Accumulator (MAC)
•Two 36-bit accumulators including extension bits
•16-bit bidirectional barrel shifter
•Parallel instruction set with unique processor addressing modes
•Hardware DO and REP loops
•Three internal address buses and one external address bus
•Four internal data buses and one external data bus
•Instruction set supports both DSP and controller functions
•Controller style addressing modes and instructions for compact code
•Efficient C compiler and local variable support
•Software subroutine and interrupt stack with depth limited only by memory
•JTAG/OnCE debug programming interface
• Two 12-bit ADCs (1 x 2 channel, 1 x 3 channel)
• Serial Communications Interface (SCI)
• Two General Purpose Quad Timers with 2 external
outputs
• 8K × 16-bit words (16KB) Program Flash
• 1K × 16-bit words (2KB) Program RAM
• 2K × 16-bit words (4KB) Data Flash
• 1K × 16-bit words (2KB) Data RAM
• 2K × 16-bit words (4KB) Boot Flash
• JTAG/OnCETM port for debugging
• On-chip relaxation oscillator
• 4 shared GPIO
• 32-pin LQFP Package

1.1.2Memory
•Harvard architecture permits as many as three simultaneous accesses to program and data memory
•On-chip memory including a low-cost, high-volume Flash solution
—8K × 16 bit words of Program Flash
—1K × 16-bit words of Program RAM
—2K × 16-bit words of Data Flash
—1K × 16-bit words of Data RAM
—2K × 16-bit words of Boot Flash
•Programmable Boot Flash supports customized boot code and field upgrades of stored code through a variety of interfaces (JTAG)

1.1.3Peripheral Circuits for 56F802
•Pulse Width Modulator (PWM) with six PWM outputs with deadtime insertion and fault protection; supports both center- and edge-aligned modes
•Two 12-bit, Analog-to-Digital Converters (ADCs), 1 x 2 channel and 1 x 3 channel, which support two simultaneous conversions; ADC and PWM modules can be synchronized
•Two General Purpose Quad Timers with two external pins (or two GPIO)
•Serial Communication Interface (SCI) with two pins (or two GPIO)
•Four multiplexed General Purpose I/O (GPIO) pins
•Computer-Operating Properly (COP) watchdog timer
•External interrupts via GPIO
•Trimmable on-chip relaxation oscillator
•External reset pin for hardware reset
•JTAG/On-Chip Emulation (OnCE™) for unobtrusive, processor speed-independent debugging
•Software-programmable, Phase Locked Loop-based frequency synthesizer for the controller core clock

1.1.4Energy Information
•Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
•Uses a single 3.3V power supply
•On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•Wait and Stop modes available
•Integrated power supervisor




Similar Part No. - DSP56F802TA80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56F802TA80 FREESCALE-DSP56F802TA80 Datasheet
2Mb / 40P
16-bit Digital Signal Controllers
DSP56F802TA80 FREESCALE-DSP56F802TA80 Datasheet
856Kb / 40P
16-bit Digital Signal Controllers
DSP56F802TA80E FREESCALE-DSP56F802TA80E Datasheet
2Mb / 40P
16-bit Digital Signal Controllers
DSP56F802TA80E FREESCALE-DSP56F802TA80E Datasheet
856Kb / 40P
16-bit Digital Signal Controllers
More results


Similar Description - DSP56F802TA80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
16-bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
16-bit Digital Signal Controllers
56F8357 FREESCALE-56F8357 Datasheet
2Mb / 177P
16-bit Digital Signal Controllers
56F8366 FREESCALE-56F8366_07 Datasheet
2Mb / 184P
16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
16-bit Digital Signal Controllers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com