| Manufacturer | Part # | Datasheet | Description |
 International Rectifier |
IR3846
|
3Mb / 53P |
Single-Input Voltage, Synchronous Buck Regulator
|
|
IR3891M
|
1Mb / 51P |
Single-Input Voltage, Synchronous Buck Regulator
|
 Infineon Technologies A... |
IR3826
|
2Mb / 53P |
OptiMOS??IPOL 23 A single-voltage synchronous Buck regulator
V2.4 June 28 2019 |
|
IR3447A
|
1Mb / 40P |
25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19 |
|
IR3823A
|
1Mb / 41P |
3 A single-voltage synchronous Buck regulator
V 2.3 2021-07-30 |
|
IR3888A
|
2Mb / 43P |
20 A/16 A single-voltage synchronous Buck regulator
V2.2 2021-7-20 |
|
TDA38820
|
2Mb / 49P |
20 A single-voltage synchronous Buck regulator
V2.4 2021-6-7 |
|
TDA38827
|
2Mb / 48P |
25 A single-voltage synchronous Buck regulator
V2.3 2021-7-19 |
|
TDA38640
|
2Mb / 70P |
TDA38640 OptiMOS iPOL 40A Single-voltage Synchronous Buck Regulator with SVID and I2C
v2.4 2022-11-05 |
|
IR3889
|
2Mb / 50P |
IR3889 OptiMOS™ IPOL 30 A single-voltage synchronous Buck regulator
V2.7 2022-4-4 |