Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3120 Datasheet (PDF) - NXP Semiconductors

CM3120 Datasheet PDF - NXP Semiconductors
Part # CM3120
Download  CM3120 Download
File Size   1204.33 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description IO-link master transceiver

CM3120 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM3120 Datasheet PDF - NXP Semiconductors

Part # CM3120
Download  CM3120 Click to download

File Size   1204.33 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description IO-link master transceiver

CM3120 Datasheet (HTML) - NXP Semiconductors


CM3120 Product details

The CM3120 is an IO-Link master physical layer dedicated to the industrial market. It includes two fully-featured IO-Link channels, which can work in three different operation modes. This circuit integrates an IO-Link frame handler fully compliant with the IO-Link v1.1 specification, and which implements most of the IO-Link communication tasks. The frame handler significantly decreases load of the master microcontroller. The CM3120 also provides several protection and monitoring mechanisms such as overcurrent, overvoltage, and overtemperature.

Features
•Two IO-Link channels with three different operation modes (SIO, UART, and frame handler)
•Protection mechanisms (overcurrent, overtemperature, overvoltage)
•Configurable through a SPI interface
•Operating voltage range from 8.0 V to 32 V
•Suitable for 2/4/8/16 port-applications
•Can operate as a Master or Device
•Two integrated LED drivers
•Integrated hardware frame handler (supports all IO-link v1.1 frames and COM1, COM2, and COM3 baud rates)
•Integrated NMOS gate drivers to control current to the C/Q and L+ lines


Applications
•Factory automation
•Fieldbus gateways
•Programmable logic controllers
•Process controllers




Similar Part No. - CM3120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM312 ETC-CM312 Datasheet
175Kb / 56P
Communications utilityModule
logo
Chicago Miniature Lamp,...
CM312 CML-CM312 Datasheet
227Kb / 1P
S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM312 VCC-CM312 Datasheet
32Kb / 1P
Contact Bayonet Base Wire Terminal
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
CM3121-02SB CALMIRCO-CM3121-02SB Datasheet
219Kb / 11P
Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
More results


Similar Description - CM3120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
AN4075 STMICROELECTRONICS-AN4075 Datasheet
415Kb / 23P
STEVAL-IFP016V2 IO-Link communication master transceiver
25-Apr-2012
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
IO-Link master
ICE1-8IOL-S2-G60L-V1D PF-ICE1-8IOL-S2-G60L-V1D Datasheet
601Kb / 3P
IO-Link master
logo
Maxim Integrated Produc...
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Master Transceiver
Rev 2; 1/13
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com