Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32R274KSK2MMM Datasheet (PDF) - NXP Semiconductors

FS32R274KSK2MMM Datasheet PDF - NXP Semiconductors
Part # FS32R274KSK2MMM
Download  FS32R274KSK2MMM Download
File Size   1163.5 Kbytes
Page   78 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description S32R274/S32R264 Series Data Sheet

FS32R274KSK2MMM Datasheet (PDF)

Go To PDF Page Download Datasheet
FS32R274KSK2MMM Datasheet PDF - NXP Semiconductors

Part # FS32R274KSK2MMM
Download  FS32R274KSK2MMM Click to download

File Size   1163.5 Kbytes
Page   78 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description S32R274/S32R264 Series Data Sheet

FS32R274KSK2MMM Datasheet (HTML) - NXP Semiconductors


FS32R274KSK2MMM Product details

Features
• On-chip modules available within the device include
the following features:
• Safety core: Power Architecture® e200Z4 32-bit CPU
with checker core
• Dual issue computation cores: Power Architecture®
e200Z7 32-bit CPU
• 2 MB on-chip code flash (FMC flash) with ECC
• 1.5 MB on-chip SRAM with ECC
• RADAR processing
– Signal Processing Toolbox (SPT) for RADAR signal
processing acceleration
– Cross Timing Engine (CTE) for precise timing
generation and triggering
– Waveform generation module (WGM) for chirp
ramp generation
– 4x 12-bit ΣΔ-ADC with 10 MSps
– One DAC with 10 MSps
– MIPICSI2 interface to connect external ADCs
• Memory Protection
– Each core memory protection unit provides 24
entries
– Data and instruction bus system memory protection
unit (SMPU) with 16 region descriptors each
– Register protection
• Clock Generation
– 40 MHz external crystal (XOSC)
– 16 MHz Internal oscillator (IRCOSC)
– Dual system PLL with one frequency modulated
phase-locked loop (FMPLL)
– Low-jitter PLL to ΣΔ-ADC and DAC clock
generation (not supported on SC66760x devices)
• Functional Safety
– Enables up to ASIL-D applications
– FCCU for fault collection and fault handling
– MEMU for memory error management
– Safe eDMA controller
– Self-Test Control Unit (STCU2)
– Error Injection Module (EIM)
– On-chip voltage monitoring
– Clock Monitor Unit (CMU)
• Security
– Cryptographic Security Engine (CSE2)
– Supports censorship and life-cycle management
• Timers
– Two Periodic Interval Timers (PIT) with 32-bit
counter resolution
– Three System Timer Module (STM)
– Three Software Watchdog Timers (SWT)
– Two eTimer modules with 6 channels each
– One FlexPWM module for 12 PWM signals
• Communication Interfaces
– Two Serial Peripheral interface (SPI) modules
– One LINFlexD module
– Two inter-IC communication interface (I2C)
modules
– One dual-channel FlexRay module with 128
message buffers
– Three FlexCAN modules with configurable buffers -
CAN FD optionally supported on 2 FlexCAN
modules
– One ENET MAC supporting MII/RMII/RGMII
interface
– ZipWire high-speed serial communication
• Debug Functionality
– 4-pin JTAG interface and Nexus/Aurora interface
for serial high-speed tracing
– e200Z7 core and e200Z4 core: Nexus development
interface (NDI) per IEEE-ISTO 5001-2012 Class 3+
• Two analog-to-digital converters (SAR ADC)
– Each ADC supports up to 16 input channels
– Cross Trigger Unit (CTU)
• On-chip voltage DC/DC regulator for core clock (VREG)
• Two Temperature Sensors (TSENS)




Similar Part No. - FS32R274KSK2MMM

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
Surface Mount Schottky Rectifier
logo
Littelfuse
FS324 LITTELFUSE-FS324 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
logo
Baumer IVO GmbH & Co. K...
FS324.550AA3B IVO-FS324.550AA3B Datasheet
507Kb / 4P
Preset counters electromechanic
FS324.550AA5B IVO-FS324.550AA5B Datasheet
507Kb / 4P
Preset counters electromechanic
FS324.550AA8B IVO-FS324.550AA8B Datasheet
507Kb / 4P
Preset counters electromechanic
More results


Similar Description - FS32R274KSK2MMM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MC9S08DZ32AMLC FREESCALE-MC9S08DZ32AMLC Datasheet
145Kb / 4P
MC9S08DZ60 Series Data Sheet
MC9S08MP16VLC FREESCALE-MC9S08MP16VLC Datasheet
507Kb / 36P
MC9S08MP16 Series Data Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
logo
NXP Semiconductors
MC9S08MP16 NXP-MC9S08MP16 Datasheet
918Kb / 36P
MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com