Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FF161A Datasheet (PDF) - Renesas Technology Corp

AT25FF161A Datasheet PDF - Renesas Technology Corp
Part # AT25FF161A
Download  AT25FF161A Download
File Size   2177.39 Kbytes
Page   122 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Mbit, 1.65 V – 3.75 V SPI Serial Flash Memory with Multi-I/O Support

AT25FF161A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25FF161A Datasheet PDF - Renesas Technology Corp

Part # AT25FF161A
Download  AT25FF161A Click to download

File Size   2177.39 Kbytes
Page   122 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Mbit, 1.65 V – 3.75 V SPI Serial Flash Memory with Multi-I/O Support

AT25FF161A Datasheet (HTML) - Renesas Technology Corp


AT25FF161A Product details

Features
• Voltage Range: 1.65 V - 3.75 V
• 16 Mbit (2M x 8) Flash Memory
• Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports single input/output operations (1-1-1)
• Supports dual output operation (1-1-2)
• Supports quad output operation (1-1-4)
• Supports quad I/O operation (1-4-4)
• Supports XiP operation (1-4-4, 0-4-4)
• 133 MHz maximum operating frequency
• Clock-to-output of 8 ns
• Flexible, optimized erase architecture for code
and data storage applications
• Uniform 4-kByte block erase
• Uniform 32-kByte block erase
• Uniform 64-kByte block erase
• Full chip erase
• Flexible non-volatile block protection
• 1 x 128-byte factory-programmed unique
identifier
• 3 x 128-byte, One Time Programmable (OTP)
security registers
• Flexible programming
• Byte/Page program (1 to 256 Bytes)
• Sequential program mode capability
• Erase program suspend resume
• Software controlled Reset and Terminate
commands
• Hardware reset option (via HOLD pin)
• JEDEC hardware reset
• Non-volatile status register configuration option
• JEDEC standard manufacturer and device ID
read methodology
• Serial Flash Discoverable Parameters (SFDP)
version 1.6
• Low power dissipation at 1.65 V to 3.6 V:
• 30 µA standby current (typical)
• 8.2 µA Deep Power-Down (DPD) current
(typical)
• 5 - 7 nA Ultra-Deep Power Down (UDPD)
current (typical)
• 8.3 mA active read current (1-1-1 — 108 MHz)
• 10.1 mA program current
• 10.7 mA erase current
• User configurable and auto I/O pin drive levels
• Endurance:
• 100,000 program/erase cycles
• 10,000 cycles (-40 oC to +105 oC)
• Data Retention:
• 20 years
• 10 years (-40 oC to +105 oC)
• Temperature Range:
• -40 oC to +85 oC
• -40 oC to +105 oC
• Industry standard green (Pb/Halide-free/RoHS
Compliant) Package Options
• 8-lead SOIC (150-mil)
• 8-lead SOIC (208-mil)
• 8-pad WDFN (5 x 6 x 0.8 mm)
• 8-pad Ultra-thin DFN (2 x 3 x 0.6 mm)
• 8-ball WLCSP (3 x 2 x 3 ball matrix)
• Die in Wafer Form (DWF)




Similar Part No. - AT25FF161A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25FF161A DIALOG-AT25FF161A Datasheet
1Mb / 120P
16-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25FF161A RENESAS-AT25FF161A Datasheet
2Mb / 125P
16-Mbit, 1.65 V – 3.75 V SPI Serial Flash Memory with Multi-I/O Support
Jan 29, 2026
logo
Dialog Semiconductor
AT25FF161A-DWF DIALOG-AT25FF161A-DWF Datasheet
1Mb / 120P
16-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25FF161A-DWF RENESAS-AT25FF161A-DWF Datasheet
2Mb / 125P
16-Mbit, 1.65 V – 3.75 V SPI Serial Flash Memory with Multi-I/O Support
Jan 29, 2026
AT25FF161A-DWFHR RENESAS-AT25FF161A-DWFHR Datasheet
2Mb / 125P
16-Mbit, 1.65 V – 3.75 V SPI Serial Flash Memory with Multi-I/O Support
Jan 29, 2026
More results


Similar Description - AT25FF161A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25FF081A DIALOG-AT25FF081A Datasheet
1Mb / 122P
8 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25FF161A DIALOG-AT25FF161A Datasheet
1Mb / 120P
16-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
AT25FF321A DIALOG-AT25FF321A Datasheet
1Mb / 119P
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
AT25XE041D DIALOG-AT25XE041D Datasheet
1Mb / 127P
4-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE161D DIALOG-AT25XE161D Datasheet
1Mb / 127P
16-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
AT25XE321D DIALOG-AT25XE321D Datasheet
1Mb / 124P
32-Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25DL161 RENESAS-AT25DL161 Datasheet
1Mb / 64P
16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
11/11/22
AT25FF321A RENESAS-AT25FF321A Datasheet
2Mb / 111P
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
2022-12-21
AT25XE161D RENESAS-AT25XE161D Datasheet
2Mb / 118P
16-Mbit 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi I/O Support
Jun 8, 2022
AT25XE321D RENESAS-AT25XE321D Datasheet
2Mb / 113P
32-Mbit 1.65 V – 3.6 V Range SPI Serial Flash Memory with Multi I/O Support
Jul 27, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com