Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25XE011 Datasheet (PDF) - Renesas Technology Corp

AT25XE011 Datasheet PDF - Renesas Technology Corp
Part # AT25XE011
Download  AT25XE011 Download
File Size   1688.81 Kbytes
Page   51 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support

AT25XE011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25XE011 Datasheet PDF - Renesas Technology Corp

Part # AT25XE011
Download  AT25XE011 Click to download

File Size   1688.81 Kbytes
Page   51 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support

AT25XE011 Datasheet (HTML) - Renesas Technology Corp


AT25XE011 Product details

Features
• Single 1.65 V - 3.6 V Supply
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 and 3
• Supports Dual Output Read
• 104 MHz Maximum Operating Frequency
• Clock-to-Output (tV) of 6 ns
• Flexible, Optimized Erase Architecture for Code + Data Storage Applications
• Small (256-Byte) Page Erase
• Uniform 4-kByte Block Erase
• Uniform 32-kByte Block Erase
• Full Chip Erase
• Hardware Controlled Locking of Protected Sectors via WP Pin
• 128-byte, One-Time Programmable (OTP) Security Register
• 64 bytes factory programmed with a unique identifier
• 64 bytes user programmable
• Flexible Programming
• Byte/Page Program (1 to 256 Bytes)
• Fast Program and Erase Times
• 2 ms Typical Page Program (256 Bytes) Time
• 50 ms Typical 4-kByte Block Erase Time
• 400 ms Typical 32-kByte Block Erase Time
• Automatic Checking and Reporting of Erase/Program Failures
• Software Controlled Reset
• JEDEC Standard Manufacturer and Device ID Read Methodology
• Low Power Dissipation
• 200 nA Ultra-Deep Power-Down current (Typical)
• 4.5 µA Deep Power-Down Current (Typical)
• 25 uA Standby current (Typical)
• 3.5 mA Active Read Current (Typical)
• Endurance: 100,000 Program/Erase Cycles
• Data Retention: 20 Years
• Temperature Range:-10 °C to +85 °C (1.65 V to 3.6 V), -40 °C to +85 °C (1.7 V to 3.6 V)
• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
• 8-lead SOIC (150-mil)
• 8-pad Ultra Thin DFN (2 x 3 x 0.6 mm)
• 8-lead TSSOP Package




Similar Part No. - AT25XE011

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25XE011 DIALOG-AT25XE011 Datasheet
1Mb / 42P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE011-MAHN-T DIALOG-AT25XE011-MAHN-T Datasheet
1Mb / 42P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE011-SSHN-B DIALOG-AT25XE011-SSHN-B Datasheet
1Mb / 42P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE011-SSHN-T DIALOG-AT25XE011-SSHN-T Datasheet
1Mb / 42P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE011-UUN-T DIALOG-AT25XE011-UUN-T Datasheet
1Mb / 42P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
More results


Similar Description - AT25XE011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF011 ETC2-AT25DF011 Datasheet
1Mb / 39P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DN011 ETC2-AT25DN011 Datasheet
1Mb / 42P
1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Dialog Semiconductor
AT25DN011 DIALOG-AT25DN011 Datasheet
1Mb / 42P
1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE011 DIALOG-AT25XE011 Datasheet
1Mb / 42P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DF011 RENESAS-AT25DF011 Datasheet
3Mb / 39P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
3/2022
AT25DF021A RENESAS-AT25DF021A Datasheet
1Mb / 59P
AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/22/22
AT25DF041B RENESAS-AT25DF041B Datasheet
1Mb / 64P
4-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual I/O Support
12/13/22
AT25DL161 RENESAS-AT25DL161 Datasheet
1Mb / 64P
16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
11/11/22
AT25DN011 RENESAS-AT25DN011 Datasheet
2Mb / 41P
1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
AT25XE021A RENESAS-AT25XE021A Datasheet
1Mb / 61P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/9/22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com