Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25XE512C Datasheet (PDF) - Renesas Technology Corp

AT25XE512C Datasheet PDF - Renesas Technology Corp
Part # AT25XE512C
Download  AT25XE512C Download
File Size   2525.96 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support

AT25XE512C Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25XE512C Datasheet PDF - Renesas Technology Corp

Part # AT25XE512C
Download  AT25XE512C Click to download

File Size   2525.96 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support

AT25XE512C Datasheet (HTML) - Renesas Technology Corp


AT25XE512C Product details

Features
 Single 1.65V - 3.6V Supply
 Serial Peripheral Interface (SPI) Compatible
 Supports SPI Modes 0 and 3
 Supports Dual Output Read
 104MHz Maximum Operating Frequency
 Clock-to-Output (tV) of 6 ns
 Flexible, Optimized Erase Architecture for Code + Data Storage Applications
 Small (256-Byte) Page Erase
 Uniform 4-Kbyte Block Erase
 Uniform 32-Kbyte Block Erase
 Full Chip Erase
 Hardware Controlled Locking of Protected Sectors via WP Pin
 128-byte, One-Time Programmable (OTP) Security Register
 64 bytes factory programmed with a unique identifier
 64 bytes user programmable
 Flexible Programming
 Byte/Page Program (1 to 256 Bytes)
 Fast Program and Erase Times
 2ms Typical Page Program (256 Bytes) Time
 50ms Typical 4-Kbyte Block Erase Time
 400ms Typical 32-Kbyte Block Erase Time
 Automatic Checking and Reporting of Erase/Program Failures
 Software Controlled Reset
 JEDEC Standard Manufacturer and Device ID Read Methodology
 Low Power Dissipation
 200nA Ultra Deep Power Down current (Typical)
 4.5µA Deep Power-Down Current (Typical)
 25uA Standby current (Typical)
 3.5mA Active Read Current (Typical)
 Endurance: 100,000 Program/Erase Cycles
 Data Retention: 20 Years
 Temperature Range:-10°C to +85°C (1.65V to 3.6V), -40°C to +85° (1.7V to 3.6V)
 Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
 8-lead SOIC (150-mil)
 8-pad Ultra Thin DFN (2 x 3 x 0.6 mm)
 8-lead TSSOP Package

Description
The Adesto® AT25XE512C is a highly optimized ultra-low energy serial interface Flash memory device designed for use in a wide
variety of high-volume low energy consumer and industrial applications. The AT25XE512C device has been optimized by design
to meet the needs of today's connected applications in the Internet of Things market space.
The granular Page Erase and Block Erase architecture allows the memory space to be used much more efficiently supporting
data storage and over the air updates. Key program code subroutines and data storage segments need to reside by themselves
in their own separate erase regions, and with a granular architecture the wasted and unused memory space that occurs with large
sectored and large block erase flash memory devices can be greatly reduced.
The resulting improvement to software efficiency contributes to reduced CPU / MCU overheads that translate to further reduce
the system energy usage levels. The device also contains a specialized OTP (One-Time Programmable) Security Register that
can be used for purposes such as unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key
storage, etc. Specifically designed for use in many different systems, the AT25XE512C supports read, program, and erase
operations with a wide supply voltage range of 1.65V to 3.6V. No separate voltage is required for programming and erasing.




Similar Part No. - AT25XE512C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25XE512C DIALOG-AT25XE512C Datasheet
1Mb / 42P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE512C-MAHN-T DIALOG-AT25XE512C-MAHN-T Datasheet
1Mb / 42P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE512C-SSHN-B DIALOG-AT25XE512C-SSHN-B Datasheet
1Mb / 42P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE512C-SSHN-T DIALOG-AT25XE512C-SSHN-T Datasheet
1Mb / 42P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE512C-XMHN-B DIALOG-AT25XE512C-XMHN-B Datasheet
1Mb / 42P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
More results


Similar Description - AT25XE512C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF512C ETC2-AT25DF512C Datasheet
1Mb / 40P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DN512C ETC2-AT25DN512C_14 Datasheet
1Mb / 41P
512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Dialog Semiconductor
AT25DF256 DIALOG-AT25DF256 Datasheet
1Mb / 43P
256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DF512C DIALOG-AT25DF512C Datasheet
1Mb / 43P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DN512C DIALOG-AT25DN512C Datasheet
1Mb / 41P
512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE011 DIALOG-AT25XE011 Datasheet
1Mb / 42P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE512C DIALOG-AT25XE512C Datasheet
1Mb / 42P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DF256 RENESAS-AT25DF256 Datasheet
2Mb / 42P
256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
AT25DF512C RENESAS-AT25DF512C Datasheet
2Mb / 42P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
AT25DN512C RENESAS-AT25DN512C Datasheet
2Mb / 40P
512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com