Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3509M Datasheet (PDF) - Renesas Technology Corp

70T3509M Datasheet PDF - Renesas Technology Corp
Part # 70T3509M
Download  70T3509M Download
File Size   355.3 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE

70T3509M Datasheet (PDF)

Go To PDF Page Download Datasheet
70T3509M Datasheet PDF - Renesas Technology Corp

Part # 70T3509M
Download  70T3509M Click to download

File Size   355.3 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE

70T3509M Datasheet (HTML) - Renesas Technology Corp


70T3509M Product details

Features:
◆ True Dual-Port memory cells which allow simultaneous
access of the same memory location
◆ High-speed data access
– Commercial: 4.2ns (133MHz)(max.)
– Industrial: 4.2ns (133MHz)(max.)
◆ Selectable Pipelined or Flow-Through output mode
◆ Counter enable and repeat features
◆ Interrupt Flags
◆ Full synchronous operation on both ports
– 7.5ns cycle time, 133MHz operation (9.5Gbps bandwidth)
– 1.5ns setup to clock and 0.5ns hold on all control, data, and
address inputs @ 133MHz
– Fast 4.2ns clock to data out
– Data input, address, byte enable and control registers
– Self-timed write allows fast cycle time
◆ Separate byte controls for multiplexed bus and bus
matching compatibility
◆ Dual Cycle Deselect (DCD) for Pipelined Output Mode
◆ 2.5V (±100mV) power supply for core
◆ LVTTL compatible, selectable 3.3V (±150mV) or 2.5V
(±100mV) power supply for I/Os and control signals on
each port
◆ Includes JTAG functionality
◆ Available in a 256-pin Ball Grid Array (BGA)
◆ Common BGA footprint provides design flexibility over
seven density generations (512K to 36M-bit)
◆ Green parts available, see ordering information




Similar Part No. - 70T3509M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3509MS133BPG IDT-70T3509MS133BPG Datasheet
310Kb / 23P
HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
70T3509MS133BPG8 IDT-70T3509MS133BPG8 Datasheet
310Kb / 23P
HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
70T3509MS133BPGI IDT-70T3509MS133BPGI Datasheet
310Kb / 23P
HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
70T3509MS133BPGI8 IDT-70T3509MS133BPGI8 Datasheet
310Kb / 23P
HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Similar Description - 70T3509M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V3569 IDT-IDT70V3569 Datasheet
187Kb / 16P
HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3579S IDT-IDT70V3579S Datasheet
187Kb / 16P
HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3539M IDT-IDT70T3539M Datasheet
421Kb / 26P
HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3509M IDT-IDT70T3509M Datasheet
259Kb / 23P
HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
List of Unclassifed Man...
IDT70T3509MS133BPI ETC2-IDT70T3509MS133BPI Datasheet
275Kb / 23P
HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3539M RENESAS-70T3539M Datasheet
642Kb / 27P
HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JUNE 2019
70V3569 RENESAS-70V3569 Datasheet
481Kb / 18P
HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70V3599 RENESAS-70V3599 Datasheet
341Kb / 24P
HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.03.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com