Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

216612043 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

216612043 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 216612043
Download  216612043 Download
File Size   382.25 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-D-SUB Filter Bent 90° THT

216612043 Datasheet (PDF)

Go To PDF Page Download Datasheet
216612043 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 216612043
Download  216612043 Click to download

File Size   382.25 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-D-SUB Filter Bent 90° THT

216612043 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


216612043 Product details

General Information:
Operating Temperature -55 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 216612043

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
216612013 WURTH-216612013 Datasheet
382Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
More results


Similar Description - 216612043

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
210112013 WURTH-210112013 Datasheet
344Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
210112043 WURTH-210112043 Datasheet
343Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
210612013 WURTH-210612013 Datasheet
351Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
210612043 WURTH-210612043 Datasheet
350Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
212112013 WURTH-212112013 Datasheet
349Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
212112043 WURTH-212112043 Datasheet
349Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
212612013 WURTH-212612013 Datasheet
360Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
214112013 WURTH-214112013 Datasheet
366Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
214112043 WURTH-214112043 Datasheet
364Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
216612013 WURTH-216612013 Datasheet
382Kb / 6P
WE-D-SUB Filter Bent 90° THT
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com