Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

236016003 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

236016003 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 236016003
Download  236016003 Download
File Size   301.93 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-D-SUB Filter Adapter

236016003 Datasheet (PDF)

Go To PDF Page Download Datasheet
236016003 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 236016003
Download  236016003 Click to download

File Size   301.93 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-D-SUB Filter Adapter

236016003 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


236016003 Product details

General Information:
Operating Temperature -55 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 236016003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
236017003 WURTH-236017003 Datasheet
97Kb / 1P
D-Sub Filter Adapter 500V
logo
TE Connectivity Ltd
2360189 TEC-2360189 Datasheet
1Mb / 5P
MINI COOL EDGE IO INTEGRATED CONNECTOR, 0.6PITCH, VERTICAL STANDARD. 124P, SMT TYPE, 92OHM
Rev. A
2360189-1 TEC-2360189-1 Datasheet
1Mb / 5P
MINI COOL EDGE IO INTEGRATED CONNECTOR, 0.6PITCH, VERTICAL STANDARD. 124P, SMT TYPE, 92OHM
Rev. A
2360189-2 TEC-2360189-2 Datasheet
1Mb / 5P
MINI COOL EDGE IO INTEGRATED CONNECTOR, 0.6PITCH, VERTICAL STANDARD. 124P, SMT TYPE, 92OHM
Rev. A
2360189-3 TEC-2360189-3 Datasheet
1Mb / 5P
MINI COOL EDGE IO INTEGRATED CONNECTOR, 0.6PITCH, VERTICAL STANDARD. 124P, SMT TYPE, 92OHM
Rev. A
More results


Similar Description - 236016003

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
243A10050X CONEC-243A10050X Datasheet
87Kb / 1P
D-SUB C-FILTER ADAPTER
24311720X CONEC-24311720X Datasheet
89Kb / 1P
D-SUB HD FILTER ADAPTER
logo
Wurth Elektronik GmbH &...
236017003 WURTH-236017003 Datasheet
97Kb / 1P
D-Sub Filter Adapter 500V
230016003 WURTH-230016003 Datasheet
95Kb / 1P
D-Sub Filter Adapter
230017003 WURTH-230017003 Datasheet
86Kb / 1P
D-Sub Filter Adapter 500V
234017003 WURTH-234017003 Datasheet
125Kb / 1P
D-Sub Filter Adapter 500V
210113023 WURTH-210113023 Datasheet
291Kb / 5P
WE-D-SUB Filter Solder Cup
001.001
212613003 WURTH-212613003 Datasheet
303Kb / 5P
WE-D-SUB Filter Solder Cup
001.001
214113003 WURTH-214113003 Datasheet
301Kb / 5P
WE-D-SUB Filter Solder Cup
001.001
234016003 WURTH-234016003 Datasheet
299Kb / 5P
WE-D-SUB Filter Adapter
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com