Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9911 Datasheet (PDF) - Cypress Semiconductor

CY7B9911 Datasheet PDF - Cypress Semiconductor
Part # CY7B9911
Download  CY7B9911 Download
File Size   244.66 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable Skew Clock Buffer (PSCB)

CY7B9911 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7B9911 Datasheet PDF - Cypress Semiconductor

Part # CY7B9911
Download  CY7B9911 Click to download

File Size   244.66 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable Skew Clock Buffer (PSCB)

CY7B9911 Datasheet (HTML) - Cypress Semiconductor


CY7B9911 Product details

Functional Description
The CY7B9911 High Speed Programmable Skew Clock Buffer (PSCB) offers user selectable control over system clock functions. This multiple output clock driver provides the system integrator with functions necessary to optimize the timing of high performance computer systems. Each of the eight individual TTL drivers, arranged in four pairs of user controllable outputs, can drive terminated transmission lines with impedances as low as 50Ω. They deliver minimal and specified output skews and full swing logic levels.

Features
■ All output pair skew <100 ps typical (250 max)
■ 3.75 to 100 MHz output operation
■ User selectable output functions
    ❐ Selectable skew to 18 ns
    ❐ Inverted and non-inverted
    ❐ Operation at ½ and ¼ input frequency
    ❐ Operation at 2x and 4x input frequency (input as low as 3.75 MHz)
■ Zero input to output delay
■ 50% duty cycle outputs
■ Outputs drive 50Ω terminated lines
■ Low operating current
■ 32-pin PLCC/LCC package
■ Jitter < 200 ps peak-to-peak (< 25 ps RMS)




Similar Part No. - CY7B9911

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
223Kb / 11P
High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
December 1, 1999
CY7B9911 CYPRESS-CY7B9911 Datasheet
392Kb / 13P
Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911 Datasheet
491Kb / 13P
Programmable Skew Clock Buffer
CY7B9911-5JC CYPRESS-CY7B9911-5JC Datasheet
392Kb / 13P
Programmable Skew Clock Buffer
CY7B9911-5JC CYPRESS-CY7B9911-5JC Datasheet
491Kb / 13P
Programmable Skew Clock Buffer
More results


Similar Description - CY7B9911

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
December 1, 1999
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
Programmable Skew Clock Buffer
September 26, 2001
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
Programmable Skew Clock Buffer (PSCB)
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
Programmable Skew Clock Buffer
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
3.3V Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
Programmable Skew Clock Buffer
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com