Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25XV041B Datasheet (PDF) - Renesas Technology Corp

AT25XV041B Datasheet PDF - Renesas Technology Corp
Part # AT25XV041B
Download  AT25XV041B Download
File Size   3241.04 Kbytes
Page   53 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit, 1.65V – 4.4V Range SPI Serial Flash Memory with Dual-I/O Support

AT25XV041B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25XV041B Datasheet PDF - Renesas Technology Corp

Part # AT25XV041B
Download  AT25XV041B Click to download

File Size   3241.04 Kbytes
Page   53 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Mbit, 1.65V – 4.4V Range SPI Serial Flash Memory with Dual-I/O Support

AT25XV041B Datasheet (HTML) - Renesas Technology Corp


AT25XV041B Product details

Features
 Single 1.65V - 4.4V Supply
 Serial Peripheral Interface (SPI) Compatible
 Supports SPI Modes 0 and 3
 Supports Dual-I/O Operation
 85MHz Maximum Operating Frequency
 Clock-to-Output (tV) of 7.5 ns
 Flexible, Optimized Erase Architecture for Code + Data Storage Applications
 Small (256-Byte) Page Erase
 Uniform 4-Kbyte Block Erase
 Uniform 32-Kbyte Block Erase
 Uniform 64-Kbyte Block Erase
 Full Chip Erase
 Hardware Controlled Locking of Protected Sectors via WP Pin
 128-byte, One-Time Programmable (OTP) Security Register
 64 bytes factory programmed with a unique identifier
 64 bytes user programmable
 Flexible Programming
 Byte/Page Program (1 to 256 Bytes)
 Dual-Input Byte/Page Program (1 to 256 Bytes)
 Sequential Program Mode Capability
 Fast Program and Erase Times
 1.85ms Typical Page Program (256 Bytes) Time
 45ms Typical 4-Kbyte Block Erase Time
 360ms Typical 32-Kbyte Block Erase Time
 720ms Typical 64-Kbyte Block Erase Time
 Automatic Checking and Reporting of Erase/Program Failures
 Software Controlled Reset
 JEDEC Standard Manufacturer and Device ID Read Methodology
 Low Power Dissipation
 200nA Ultra Deep Power Down current (Typical)
 5µA Deep Power-Down Current (Typical)
 25uA Standby Current (Typical)
 3.5mA Active Read Current (Typical)
 Endurance: 100,000 Program/Erase Cycles
 Data Retention: 20 Years
 Complies with Full Industrial Temperature Range
 Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
 8-lead SOIC (150-mil)
 8-pad Ultra Thin DFN (2 x 3 x 0.6 mm)
 8-pad Ultra Thin DFN (5 x 6 x 0.6 mm)
 8-lead TSSOP Package
 8-ball WLCSP (3 x 2 x 3 ball matrix)

1. Description
The Adesto® AT25XV041B is a serial interface Flash memory device for a wide variety of high-volume consumer and connected
applications. It can be operated using modern Lithium battery technologies over a wide input voltage range of 1.65V to 4.4V. It is
designed for:
 systems in which program code is shadowed from Flash memory into embedded or external RAM (Code Shadow) for
execution,
 where code is updated over the air,
 where small amounts of data are stored locally in the flash memory.
The erase block sizes of the AT25XV041B have been optimized to meet the needs of today's code and data storage applications.
The device supports 256-byte Page erase, as well as 4-kbyte, 32-kbyte, and 64-kbyte block erase operations. By optimizing the
size of the erase blocks, the memory space can be used much more efficiently. This device’s innovative design features also
include:
 active interrupt (allowing the host to sleep during lengthy programming),
 erase operations (allowing the memory device to wake the MCU when completed), as well as
 optimized energy consumption and class-leading <200nA ultra-deep power-down modes.
The AT25XV041B is optimized for connected low-energy applications.
The device contains a specialized one-time programmable (OTP) security register that can be used for:
 unique device serialization,
 system-level Electronic Serial Number (ESN) storage, and
 locked key storage.
It can even be adapted with the MCU firmware to create a USE-ONCE system applicable to disposable consumables.
Specifically designed for use in a wide variety of systems, the AT25XV041B supports read, program, and erase operations. No
separate voltage is required for programming and erasing.




Similar Part No. - AT25XV041B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25XV041B DIALOG-AT25XV041B Datasheet
1Mb / 54P
4-Mbit, 1.65V ??4.4V Range SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25XV041B RENESAS-AT25XV041B Datasheet
2Mb / 62P
4 -Mbit, 1.65 V – 4.4 V Range SPI Serial Flash Memory with Dual-I/O Support
8/14/23
logo
Dialog Semiconductor
AT25XV041B-MAHV-T DIALOG-AT25XV041B-MAHV-T Datasheet
1Mb / 54P
4-Mbit, 1.65V ??4.4V Range SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25XV041B-MAHV-T RENESAS-AT25XV041B-MAHV-T Datasheet
2Mb / 62P
4 -Mbit, 1.65 V – 4.4 V Range SPI Serial Flash Memory with Dual-I/O Support
8/14/23
logo
Dialog Semiconductor
AT25XV041B-MHV-T DIALOG-AT25XV041B-MHV-T Datasheet
1Mb / 54P
4-Mbit, 1.65V ??4.4V Range SPI Serial Flash Memory with Dual-I/O Support
More results


Similar Description - AT25XV041B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF011 ETC2-AT25DF011 Datasheet
1Mb / 39P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25XV021A DIALOG-AT25XV021A Datasheet
1Mb / 54P
2-Mbit, 1.65V ??4.4V Range SPI Serial Flash Memory with Dual-I/O Support
AT25XV041B DIALOG-AT25XV041B Datasheet
1Mb / 54P
4-Mbit, 1.65V ??4.4V Range SPI Serial Flash Memory with Dual-I/O Support
logo
List of Unclassifed Man...
AT25DF041B ETC-AT25DF041B Datasheet
2Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
AT25XV021A RENESAS-AT25XV021A Datasheet
8Mb / 53P
2-Mbit, 1.65V – 4.4V Range SPI Serial Flash Memory with Dual-I/O Support
02/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com