Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR3AS-8UE Datasheet (PDF) - Renesas Technology Corp

CR3AS-8UE Datasheet PDF - Renesas Technology Corp
Part # CR3AS-8UE
Download  CR3AS-8UE Download
File Size   483.57 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400V - 3A - Thyristor

CR3AS-8UE Datasheet (PDF)

Go To PDF Page Download Datasheet
CR3AS-8UE Datasheet PDF - Renesas Technology Corp

Part # CR3AS-8UE
Download  CR3AS-8UE Click to download

File Size   483.57 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400V - 3A - Thyristor

CR3AS-8UE Datasheet (HTML) - Renesas Technology Corp


CR3AS-8UE Product details

Features
• IT (AV) : 3 A
• VDRM : 400 V
• IGT: 100 A
• Planar Passivation Type
• RoHS Compliant




Similar Part No. - CR3AS-8UE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3AS-8UE RENESAS-CR3AS-8UE_15 Datasheet
256Kb / 7P
400V - 3A - Thyristor Medium Power Use
More results


Similar Description - CR3AS-8UE

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT1014N NIEC-PFT1014N Datasheet
223Kb / 4P
THYRISTOR MODULE 100A/400V
PFT2004N NIEC-PFT2004N Datasheet
223Kb / 4P
THYRISTOR MODULE 200A / 400V
logo
Renesas Technology Corp
CR3AS-8ME RENESAS-CR3AS-8ME_15 Datasheet
59Kb / 3P
400V - 3A - Thyristor Low Power Use
CR3AS-8UE RENESAS-CR3AS-8UE_15 Datasheet
256Kb / 7P
400V - 3A - Thyristor Medium Power Use
CR3PM-8ME RENESAS-CR3PM-8ME Datasheet
155Kb / 3P
400V - 3A - Thyristor
logo
MacMic
MMK200X040DA MACMIC-MMK200X040DA Datasheet
130Kb / 2P
400V 200A Thyristor Module
logo
Renesas Technology Corp
CR2AS-8UE RENESAS-CR2AS-8UE Datasheet
474Kb / 6P
400V - 2A - Thyristor
May. 10, 2019
CR2PM-8UE RENESAS-CR2PM-8UE Datasheet
824Kb / 6P
400V - 2A - Thyristor
Dec 24, 2014
CR3AS-8ME RENESAS-CR3AS-8ME Datasheet
454Kb / 7P
400V - 3A - Thyristor
May. 10, 2019
CR5AS-8UE RENESAS-CR5AS-8UE Datasheet
485Kb / 7P
400V - 5A - Thyristor
May. 10, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com