Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

840NT4-01 Datasheet (PDF) - Renesas Technology Corp

840NT4-01 Datasheet PDF - Renesas Technology Corp
Part # 840NT4-01
Download  840NT4-01 Download
File Size   868.73 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ethernet & USB Clock Generator for Freescale B4/T4-based Systems

840NT4-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
840NT4-01 Datasheet PDF - Renesas Technology Corp

Part # 840NT4-01
Download  840NT4-01 Click to download

File Size   868.73 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ethernet & USB Clock Generator for Freescale B4/T4-based Systems

840NT4-01 Datasheet (HTML) - Renesas Technology Corp


840NT4-01 Product details

Features
• Ten LVCMOS clock outputs: 
Five LVCMOS 125MHz Ethernet outputs
Three LVCMOS 25MHz /125MHz Ethernet outputs
One LVCMOS 24MHz USB output
One LVCMOS 25MHz REF output
• QREF output can be used to drive other clock drivers, saving a
crystal
• Selectable crystal or differential LVPECL input
• RMS Phase Jitter, 125MHz, integration range 12kHz - 20MHz:
0.60ps (typical)
• Cycle-to-Cycle jitter: 20ps (typical)
• Flexible voltage supply modes; supports legacy and future system
requirements, minimizes power consumption
Core voltage: VDD, VDD_XTAL, VDDA
Output voltage: VDDO_A, VDDO_B, VDDO_C, VDDO_REF
Core / Output
3.3V / 3.3V
3.3V / 2.5V
3.3V / 1.8V
2.5V / 2.5V
2.5V / 1.8V
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 840NT4-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840NT4-01 IDT-840NT4-01 Datasheet
622Kb / 24P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
REVISION 2 05/18/15
840NT4-01NLGI IDT-840NT4-01NLGI Datasheet
622Kb / 24P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
REVISION 2 05/18/15
840NT4-01NLGI8 IDT-840NT4-01NLGI8 Datasheet
622Kb / 24P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
REVISION 2 05/18/15
More results


Similar Description - 840NT4-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
logo
Integrated Device Techn...
840NT4 IDT-840NT4 Datasheet
611Kb / 30P
System & DDR Clocks for Freescale B4/T4 Processor Systems
840NT4-01 IDT-840NT4-01 Datasheet
622Kb / 24P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
REVISION 2 05/18/15
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
Clock Generator for P9 Systems
Mar 29, 2022
840NT4 RENESAS-840NT4 Datasheet
809Kb / 31P
System & DDR Clocks for Freescale B4/T4 Processor Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com