Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

850S1201 Datasheet (PDF) - Renesas Technology Corp

850S1201 Datasheet PDF - Renesas Technology Corp
Part # 850S1201
Download  850S1201 Download
File Size   663.75 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12:1 Single-ended Multiplexer

850S1201 Datasheet (PDF)

Go To PDF Page Download Datasheet
850S1201 Datasheet PDF - Renesas Technology Corp

Part # 850S1201
Download  850S1201 Click to download

File Size   663.75 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12:1 Single-ended Multiplexer

850S1201 Datasheet (HTML) - Renesas Technology Corp


850S1201 Product details

Features
• 12:1 single-ended multiplexer
• Nominal output impedance: 20 (VDD = 3.3V)
• Maximum output frequency: 250MHz
• Propagation delay: 2.7ns (maximum)
• Full 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 850S1201

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
850S1201 IDT-850S1201 Datasheet
461Kb / 13P
12:1 Single-ended Multiplexer
850S1201AGILF IDT-850S1201AGILF Datasheet
781Kb / 12P
12:1 SINGLE-ENDED MULTIPLEXER
850S1201AGILFT IDT-850S1201AGILFT Datasheet
781Kb / 12P
12:1 SINGLE-ENDED MULTIPLEXER
850S1201BGILF IDT-850S1201BGILF Datasheet
461Kb / 13P
12:1 Single-ended Multiplexer
850S1201BGILFT IDT-850S1201BGILFT Datasheet
461Kb / 13P
12:1 Single-ended Multiplexer
More results


Similar Description - 850S1201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
6:1, SINGLE-ENDED MULTIPLEXER
REV. A JANUARY 18, 2006
logo
Integrated Device Techn...
ICS850S1201I IDT-ICS850S1201I Datasheet
781Kb / 12P
12:1 SINGLE-ENDED MULTIPLEXER
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
8:1, SINGLE-ENDED MULTIPLEXER
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
4:1, SINGLE-ENDED MULTIPLEXER
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
2 1 single-ended multiplexer
850S1201 IDT-850S1201 Datasheet
461Kb / 13P
12:1 Single-ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83058I RENESAS-83058I Datasheet
363Kb / 15P
8:1, Single-Ended Multiplexer
December 15, 2015
83054 RENESAS-83054 Datasheet
348Kb / 15P
4:1, Single-Ended Multiplexer
December 15, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com