Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

853S54I-01 Datasheet (PDF) - Renesas Technology Corp

853S54I-01 Datasheet PDF - Renesas Technology Corp
Part # 853S54I-01
Download  853S54I-01 Download
File Size   708.71 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer

853S54I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
853S54I-01 Datasheet PDF - Renesas Technology Corp

Part # 853S54I-01
Download  853S54I-01 Click to download

File Size   708.71 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer

853S54I-01 Datasheet (HTML) - Renesas Technology Corp


853S54I-01 Product details

Features
• Dual 2:1, 1:2 MUX
• Three LVPECL output pairs
• Three differential clock inputs can accept: LVPECL, LVDS, CML
• Loopback test mode available
• Maximum output frequency: 2.5GHz
• Propagation delay: 550ps (maximum)
• Part-to-part skew: 275ps (maximum)
• Additive phase jitter, RMS: 27fs (typical)
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.465V to -2.375V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 853S54I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
More results


Similar Description - 853S54I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
REV. A OCTOBER 7, 2004
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
REV. A JANUARY 16, 2006
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com