Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77542 Datasheet (PDF) - Analog Devices

MAX77542 Datasheet PDF - Analog Devices
Part # MAX77542
Download  MAX77542 Download
File Size   3285.15 Kbytes
Page   122 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16VIN/16A, Quad-Phase High-Efficiency Buck Converter

MAX77542 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77542 Datasheet PDF - Analog Devices

Part # MAX77542
Download  MAX77542 Click to download

File Size   3285.15 Kbytes
Page   122 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16VIN/16A, Quad-Phase High-Efficiency Buck Converter

MAX77542 Datasheet (HTML) - Analog Devices


MAX77542 Product details

General Description
The MAX77542 is a high-efficiency step-down converter
with four 4A switching phases. It uses an adaptive constant
on-time (COT) current-mode control scheme and its
flexible architecture supports five phase configurations. Its
wide input-voltage range enables a direct conversion for
less than 1V outputs from 1 to 3-cell Li+ batteries and USB
power delivery (PD) supply rails. The output voltages are
preset with resistors and are further adjustable through an
I2C-compatible interface.
Flexible sequencer and programmable soft-start/soft-stop
slew rates provide controlled transitions between operating
states. Programmable switching frequency, frequency
tracking, and spread-spectrum features allow easier
system optimization for noise-sensitive applications. Multifunction
I/Os allow for flexible control of each output for
EN, LPM, FPWM, POK, RSTINB, and RSTOB status. An
array of built-in protections ensures safe operation under
abnormal operating conditions.

Benefits and Features
● 2.8V to 16V Input-Voltage Range
● 0.3V to 5.2V Output-Voltage Range
● Max 16A (4A/Φ) with Five Phase Configurations
● ±0.5% VOUT Accuracy (Default VOUT at +25°C)
● 94% Peak Efficiency (7.6VIN, 3.3VOUT, 1MHz)
● Auto Skip/PWM Transition and Low-Power Mode
● Drop-Out Operation with 98% of Max Duty Cycle
● Differential Output-Voltage Sensing
● Flexible Sequencer with Soft-Start/Soft-Stop Slew
Rates
● Prebiased Startup and Active Output Discharge
● 0.5MHz/1.0MHz/1.5MHz Nominal Switching
Frequency
● Spread-Spectrum Modulation for EMI Reduction
● Internal/External Frequency Tracking
● Default VOUT and Phase Configuration Setting by
RSELx
● Multifunction I/Os for EN, LPM, FPWM, and POK
● UVLO, Thermal-Shutdown, and Short-Circuit
Protection
● High-Speed, I2C Serial Interface
● Available in 60-Bump WLP (4.36mm x 2.56mm x
0.65mm)
● Less than 115mm2 Total Solution Size with 2520
Inductors

Applications
● 1 to 3-Cell Li+ and USB-C Power Delivery Systems
● Audio/Video Equipment and PCIe/RAID Cards
● Application Processors, FPGAs, DSPs, and ASICs




Similar Part No. - MAX77542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77540 MAXIM-MAX77540 Datasheet
1Mb / 55P
16VIN/6A, Dual-Phase High-Efficiency Buck Converter
2021
MAX77540AAFG+T MAXIM-MAX77540AAFG+T Datasheet
1Mb / 55P
16VIN/6A, Dual-Phase High-Efficiency Buck Converter
2021
MAX77540AAWV+T MAXIM-MAX77540AAWV+T Datasheet
1Mb / 55P
16VIN/6A, Dual-Phase High-Efficiency Buck Converter
2021
More results


Similar Description - MAX77542

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
STMicroelectronics
A22H165M STMICROELECTRONICS-A22H165M Datasheet
1Mb / 32P
Integrated high-efficiency buck converter
06-Mar-2014
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Maxim Integrated Produc...
MAX77874 MAXIM-MAX77874 Datasheet
1Mb / 37P
16A High-Performance Quad-Phase Buck Regulator for Multicore CPU and GPU Processors
Rev 0; 11/16
MAX77812 MAXIM-MAX77812_V01 Datasheet
2Mb / 69P
20A User-Configurable Quad-Phase Buck Converter
2020
MAX77540 MAXIM-MAX77540 Datasheet
1Mb / 55P
16VIN/6A, Dual-Phase High-Efficiency Buck Converter
2021
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com