Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4353 Datasheet (PDF) - Analog Devices

LTC4353 Datasheet PDF - Analog Devices
Part # LTC4353
Download  LTC4353 Download
File Size   879.96 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Floating, High-Voltage Active Rectifier Controller

LTC4353 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4353 Datasheet PDF - Analog Devices

Part # LTC4353
Download  LTC4353 Click to download

File Size   879.96 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Floating, High-Voltage Active Rectifier Controller

LTC4353 Datasheet (HTML) - Analog Devices


LTC4353 Product details

DESCRIPTION
The LT4322 is a floating active rectifier controller that
drives an external N-Channel MOSFET to replace a
rectifier diode. It is designed primarily for AC
applications and operates with input supply frequencies
ranging from DC to 100kHz. On each cycle of the input
AC waveform, an external N-Channel MOSFET gate is
enhanced to provide the equivalent of a low diode
forward voltage drop of 25mV. The resulting reduction
in power dissipation eliminates thermal design
problems and costly heat sinks, greatly reducing PC
board area.
The addition of a high-voltage depletion N-Channel
MOSFET enables operation at very high output voltages,
limited only by the voltage ratings of two external
MOSFETs. In AC applications, an integrated LDO
provides the required gate drive voltage to turn the
external MOSFET fully on. Fast, high-current gate drivers
minimize reverse current transients at high input frequencies.

FEATURES
 Replaces Rectifying Diodes with N-Channel
MOSFETs in Rectifier Applications
 Maximizes Power Efficiency, Eliminates Thermal
Design Problems
 Low 25mV Forward Voltage Drop
 Wide Operating Voltage Range: 9V to >500V
 Wide Operating Frequency Range: DC to 100kHz
 Regulated 12V GATE Drive for External N-Channel
MOSFET Enhancement
 8-Lead MSOP and 8-Lead, 3mm x 3mm, Side Wettable
DFN Packages

APPLICATIONS
 Single-Phase, 3-Phase, and 6-Phase Bridge
Rectifiers
 Automotive Alternator Bridge Rectifiers
 Off-Line Active Bridge Rectifier
 3-Phase Aircraft Power
 High-Voltage DC Diode-OR with Reverse Blocking




Similar Part No. - LTC4353

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4353 LINER-LTC4353 Datasheet
496Kb / 22P
Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4353 LINER-LTC4353 Datasheet
563Kb / 24P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4353 AD-LTC4353 Datasheet
1Mb / 20P
Low Quiescent Current Ideal Diode Controller
LTC4353 AD-LTC4353 Datasheet
1Mb / 14P
18V, 12A Ideal Diode
LTC4353 AD-LTC4353 Datasheet
1Mb / 14P
40V, 7A Ideal Diode
More results


Similar Description - LTC4353

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5027 NSC-LM5027 Datasheet
552Kb / 26P
Voltage Mode Active Clamp Controller
logo
Texas Instruments
LM5027A TI-LM5027A_15 Datasheet
1Mb / 35P
Voltage Mode Active Clamp Controller
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
Active Clamp Voltage Mode PWM Controller
LM5027 TI1-LM5027 Datasheet
1Mb / 35P
Voltage Mode Active Clamp Controller
logo
Linear Technology
LT8672 LINER-LT8672 Datasheet
229Kb / 6P
Active Rectifier Controller with Reverse Protection
logo
NXP Semiconductors
TEA2208T NXP-TEA2208T Datasheet
229Kb / 17P
Active bridge rectifier controller
Rev. 1.1-25 March 2020
TEA2206T NXP-TEA2206T Datasheet
238Kb / 14P
Active bridge rectifier controller
Rev. 1.1-14 April 2021
TEA2209T NXP-TEA2209T Datasheet
288Kb / 19P
Active bridge rectifier controller
Rev. 1.1-14 April 2021
TEA2208T NXP-TEA2208T_V01 Datasheet
273Kb / 18P
Active bridge rectifier controller
Rev. 1.4 ??14 April 2021
logo
Analog Devices
LT8673 AD-LT8673 Datasheet
243Kb / 2P
Active Rectifier Controller with Voltage Monitoring
Rev Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com