Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM220F Datasheet (PDF) - C-Media Electronics

CM220F Datasheet PDF - C-Media Electronics
Part # CM220F
Download  CM220F Download
File Size   429.92 Kbytes
Page   19 Pages
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics
Description Updateable USB2.0 Card Reader Controller

CM220F Datasheet (PDF)

Go To PDF Page Download Datasheet
CM220F Datasheet PDF - C-Media Electronics

Part # CM220F
Download  CM220F Click to download

File Size   429.92 Kbytes
Page   19 Pages
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics
Description Updateable USB2.0 Card Reader Controller

CM220F Datasheet (HTML) - C-Media Electronics


CM220F Product details

Overview
The CM220 is a USB 2.0 High-speed controller IC compatible with the widest possible range of media card types in the market. The CM220 is also updateable in the field via a simple host driver update to enable compatibility with future media card types. The CM220 supports high speed USB 2.0 data transfer to and from media cards, but is fully backwards compatible with system configurations supporting USB 1.1 full and low speed operation.

Features
◇ USB 2.0 High-Speed operation, USB1.1 Full/Low-Speed backward compatible
◇ Compliant with USB Mass Storage Device Class specifications
◇ Driver updates provided transparently via Microsoft’s Windows Update service
◇ USB bus power and self power capability
◇ Single chip with integrated USB2.0 PHY
◇ Supports 24in-1 (12 specs + 6 small-size + 6 ROM-Type) card reader systems.
    ■ Flash media card specifications supported:
        ‐ CompactFlash (Ver2.1) / Microdrive
        ‐ Smart Media Card
        ‐ xD-Picture Card (Ver 1.1, 1.2)
        ‐ MultiMediaCard / MultiMediaCardplus (Ver4.1, 1/4/8 bit mode)
        ‐ SD Card / High Speed SD Card (SD ver 1.1)
        ‐ MemoryStick / High Speed MemoryStick / Memory Stick Pro / High Speed MemoryStick Pro
    ■ Also support 6 small-size flash cards
        ‐ miniSD / T-Flash Card/MemoryStick Duo / MemoryStick-Pro Duo
        ‐ RS-MMC / MMCmobile (Ver4.1, 1/4/8 bit mode)
    ■ In addition, 6 ROM-Type flash cards are also supported
        ‐ MMC ROM, MMCplus ROM, MMCmobile ROM
        ‐ MemoryStick ROM, MemoryStick Pro ROM
        ‐ SD ROM
◇ SPI interface for external MCU
◇ EEPROM Serial Interface for customized VID/PID via USB interface
◇ Support 1~5 LED displays to indicate operation status
◇ “Designed for Windows” logo certified driver with Windows Update option.
◇ USB IF logo qualified
◇ xD-Picture certified
◇ MS-logo certified
◇ CM220L (QFP 100) or CM220F (LQFP 128) are both available
◇ Small footprint for CM220S (LQFP 48) which can be used in notebook or size-sensitive systems




Similar Part No. - CM220F

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CM220 CAMPBELL-CM220 Datasheet
746Kb / 2P
Sonic Ranging Sensors with External Air Temperature Probes
August 9, 2016
CM220 CAMPBELL-CM220 Datasheet
215Kb / 2P
Precision Infrared Radiometer
April 2009
CM220 CAMPBELL-CM220 Datasheet
1Mb / 4P
R.M. Young Wind Monitor Series
February 2, 2016
logo
Chicago Miniature Lamp,...
CM2200 CML-CM2200 Datasheet
222Kb / 1P
T-1 1/2 Wedge Base
logo
Visual Communications C...
CM2200 VCC-CM2200 Datasheet
44Kb / 1P
Wedge Base
More results


Similar Description - CM220F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
AU6320 ETC2-AU6320 Datasheet
522Kb / 19P
USB2.0 CF Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
USB2.0 SD/MMC Single LUN Card Reader Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
logo
Transcend Information. ...
TS-RDP5 TRANSCEND-TS-RDP5 Datasheet
81Kb / 3P
USB2.0 Compact Card Reader
TS-RDP6 TRANSCEND-TS-RDP6 Datasheet
69Kb / 3P
USB2.0 Compact Card Reader
More results




About C-Media Electronics


C-Media Electronics, Inc. is a Taiwanese company that specializes in the design and manufacture of audio processors and audio interfaces for a variety of consumer and professional applications. Their product line includes audio codecs, USB audio interfaces, and audio processing software.

C-Media's products are used in a wide range of applications, including home theater systems, gaming headsets, and professional audio equipment. They are known for their high-quality audio processing capabilities, advanced features, and competitive pricing.

The company was founded in 1991 and is headquartered in Taipei, Taiwan. C-Media has a strong commitment to research and development, and is dedicated to providing innovative and reliable audio solutions to their customers. In addition to their standard products, C-Media also provides customized solutions to meet specific customer requirements.

Overall, C-Media Electronics is a trusted and reputable supplier of audio processors and audio interfaces, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com