Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81006I Datasheet (PDF) - Renesas Technology Corp

81006I Datasheet PDF - Renesas Technology Corp
Part # 81006I
Download  81006I Download
File Size   500.44 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO-To-6 LVCMOS Outputs

81006I Datasheet (PDF)

Go To PDF Page Download Datasheet
81006I Datasheet PDF - Renesas Technology Corp

Part # 81006I
Download  81006I Click to download

File Size   500.44 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO-To-6 LVCMOS Outputs

81006I Datasheet (HTML) - Renesas Technology Corp


81006I Product details

Features
•Six LVCMOS/LVTTL outputs, 20 nominal output impedance
•Output Q5 can be selected for ÷1 or ÷2 frequency relative to the crystal frequency
•Output frequency range: 12MHz to 31.25MHz
•Crystal pull range: ±90ppm (typical)
•Synchronous output enable places outputs in High-
Impedance state
•On-chip filter on VIN to suppress noise modulation of VCXO
•VDD/VDDO combinations
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
•4mm x 4mm 20-Lead VFQFN package is ideal for space constrained designs
•-40°C to 85°C ambient operating temperature
•Lead-free (RoHS 6) packaging




Similar Part No. - 81006I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
81006 RENESAS-81006 Datasheet
595Kb / 19P
VCXO-To-6 LVCMOS Outputs
REVISION B 7/29/16
logo
Festo Corporation.
8100607 FESTO-8100607 Datasheet
94Kb / 1P
Twin cylinder
12/11/22
8100608 FESTO-8100608 Datasheet
93Kb / 1P
Twin cylinder
12/11/22
8100609 FESTO-8100609 Datasheet
93Kb / 1P
Twin cylinder
12/11/22
8100610 FESTO-8100610 Datasheet
92Kb / 1P
Twin cylinder
12/11/22
More results


Similar Description - 81006I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06 ICST-ICS810-06 Datasheet
165Kb / 14P
VCXO-TO-6 LVCMOS OUTPUTS
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
CMOS/LVCMOS HF VCXO
logo
Integrated Device Techn...
ICS81006I IDT-ICS81006I Datasheet
678Kb / 14P
VCXO-TO-LVCMOS OUTPUTS
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
VCXO-TO-LVCMOS/LVTTL OUTPUT
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Nel Frequency Controls,...
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
CMOS/LVCMOS HF VCXO
logo
Integrated Device Techn...
8101925 IDT-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
logo
Renesas Technology Corp
8101925 RENESAS-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
November 7, 2016
81006 RENESAS-81006 Datasheet
595Kb / 19P
VCXO-To-6 LVCMOS Outputs
REVISION B 7/29/16
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com