Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83948I-01 Datasheet (PDF) - Renesas Technology Corp

83948I-01 Datasheet PDF - Renesas Technology Corp
Part # 83948I-01
Download  83948I-01 Download
File Size   144.47 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-12 Differential-to- LVCMOS Fanout Buffer

83948I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
83948I-01 Datasheet PDF - Renesas Technology Corp

Part # 83948I-01
Download  83948I-01 Click to download

File Size   144.47 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-12 Differential-to- LVCMOS Fanout Buffer

83948I-01 Datasheet (HTML) - Renesas Technology Corp


83948I-01 Product details

FEATURES
• Twelve LVCMOS outputs
• Selectable LVCMOS clock or differential CLK, nCLK inputs
• CLK, nCLK pair can accept the following differential
input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• LVCMOS_CLK accepts the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 150MHz
• Output skew: 350ps (maximum)
• Part to part skew: 1.5ns (maximum)
• 3.3V core, 3.3V output
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 83948I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83948I-147 IDT-83948I-147 Datasheet
361Kb / 17P
Low Skew, 1-to-1 Differential to-
logo
Renesas Technology Corp
83948I-147 RENESAS-83948I-147 Datasheet
557Kb / 18P
Low Skew, 1-to-1 Differentialto- LVCMOS/ LVTTL Fanout Buffer
March 30, 2016
More results


Similar Description - 83948I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B AUGUST 6, 2001
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A AUGUST 9, 2001
ICS83948I-01 ICST-ICS83948I-01 Datasheet
87Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A SEPTEMBER 23, 2002
ICS83948I-147 ICST-ICS83948I-147 Datasheet
103Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 21, 2005
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. C DECEMBER 15, 2005
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
83948I IDT-83948I_16 Datasheet
291Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83948I RENESAS-83948I Datasheet
504Kb / 14P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com