Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8530DYI-01LF Datasheet (PDF) - Renesas Technology Corp

8530DYI-01LF Datasheet PDF - Renesas Technology Corp
Part # 8530DYI-01LF
Download  8530DYI-01LF Download
File Size   591.1 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer

8530DYI-01LF Datasheet (PDF)

Go To PDF Page Download Datasheet
8530DYI-01LF Datasheet PDF - Renesas Technology Corp

Part # 8530DYI-01LF
Download  8530DYI-01LF Click to download

File Size   591.1 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer

8530DYI-01LF Datasheet (HTML) - Renesas Technology Corp


8530DYI-01LF Product details

Features
• Sixteen differential 3.3V LVPECL output pairs
• CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 500MHz
• Translates any single-ended input signal to 3.3V LVPECL levels
with a resistor bias on nCLK input
• Output skew: 75ps (maximum)
• Additive phase jitter, RMS @ 106.25MHz: 0.162ps (typical)
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8530DYI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8530DYI-01LF IDT-8530DYI-01LF Datasheet
396Kb / 18P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
8530DYI-01LFT IDT-8530DYI-01LFT Datasheet
396Kb / 18P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
More results


Similar Description - 8530DYI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8530-01 ICST-ICS8530-01 Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 9, 2001
ICS8530I-01 ICST-ICS8530I-01 Datasheet
267Kb / 17P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. A FEBRUARY 25, 2005
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Device Techn...
8530I-01 IDT-8530I-01_15 Datasheet
396Kb / 18P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com