Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8531AY-01LF Datasheet (PDF) - Renesas Technology Corp

8531AY-01LF Datasheet PDF - Renesas Technology Corp
Part # 8531AY-01LF
Download  8531AY-01LF Download
File Size   411.95 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-9, Differential-to- 3.3V LVPECL Fanout Buffer

8531AY-01LF Datasheet (PDF)

Go To PDF Page Download Datasheet
8531AY-01LF Datasheet PDF - Renesas Technology Corp

Part # 8531AY-01LF
Download  8531AY-01LF Click to download

File Size   411.95 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-9, Differential-to- 3.3V LVPECL Fanout Buffer

8531AY-01LF Datasheet (HTML) - Renesas Technology Corp


8531AY-01LF Product details

FEATURES
• Nine differential 3.3V LVPECL outputs
• Selectable differential CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• Maximum output frequency: 500MHz
• Translates any single ended input signal (LVCMOS, LVTTL,
GTL) to 3.3V LVPECL levels with resistor bias on nCLK input
• Additive phase jitter, RMS: 0.17ps (typical)
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 2ns (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Industrial Temperature information available upon request




Similar Part No. - 8531AY-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8531AY-01LF IDT-8531AY-01LF Datasheet
269Kb / 18P
Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
8531AY-01LFT IDT-8531AY-01LFT Datasheet
269Kb / 18P
Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
More results


Similar Description - 8531AY-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 9, 2001
ICS853031 ICST-ICS853031 Datasheet
241Kb / 19P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B SEPTEMBER 16, 2004
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
ICS8EN31AK RENESAS-ICS8EN31AK Datasheet
5Mb / 16P
Low Skew, 1-10-9 Differential-To-3.3V LVPECL Fanout Buffer
2017
ICS853S031I RENESAS-ICS853S031I Datasheet
1Mb / 23P
Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com