Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1440656 Datasheet (PDF) - PHOENIX CONTACT

1440656 Datasheet PDF - PHOENIX CONTACT
Part # 1440656
Download  1440656 Download
File Size   488.99 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Network cable - VS-M12MSS-IP20-94F/20,0/10G

1440656 Datasheet (PDF)

Go To PDF Page Download Datasheet
1440656 Datasheet PDF - PHOENIX CONTACT

Part # 1440656
Download  1440656 Click to download

File Size   488.99 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Network cable - VS-M12MSS-IP20-94F/20,0/10G

1440656 Datasheet (HTML) - PHOENIX CONTACT


1440656 Product details

Network cable, Ethernet CAT6A (10 Gbps), 8-position, Plug straight M12 SPEEDCON / IP65,
coding: X, on Plug straight RJ45 / IP20, cable length: 20 m




Similar Part No. - 1440656

ManufacturerPart #DatasheetDescription
logo
raaco Great Britain Ltd
144063 RAACO-144063 Datasheet
8Mb / 148P
raaco Assortment Boxes
logo
PHOENIX CONTACT
1440643 PHOENIX-1440643 Datasheet
171Kb / 11P
Network cable - VS-M12MSS-IP20-94F/15,0/10G
09/11/2020
1440672 PHOENIX-1440672 Datasheet
72Kb / 3P
Bus system T-connector - SAC-M12T/2XM12 PB
1440685 PHOENIX-1440685 Datasheet
101Kb / 4P
Sensor/actuator cable - SAC-3P-10,0-PUR/A-1L-Z 110V
More results


Similar Description - 1440656

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1418866 PHOENIX-1418866 Datasheet
124Kb / 8P
Patch cable - VS-IP20/10G-IP20/10G-94F/1
09/11/2020
1440465 PHOENIX-1440465 Datasheet
148Kb / 10P
Network cable - VS-M12MSS-M12MSS-94F/ 0,5/10G
09/11/2020
1440517 PHOENIX-1440517 Datasheet
148Kb / 10P
Network cable - VS-M12MSS-M12MSS-94F/15,0/10G
09/11/2020
1440591 PHOENIX-1440591 Datasheet
170Kb / 11P
Network cable - VS-M12MSS-IP20-94F/ 0,5/10G
09/11/2020
1440643 PHOENIX-1440643 Datasheet
171Kb / 11P
Network cable - VS-M12MSS-IP20-94F/15,0/10G
09/11/2020
1418879 PHOENIX-1418879 Datasheet
281Kb / 7P
Patch cable - VS-IP20/10G-IP20/10G-94F/5
1440520 PHOENIX-1440520 Datasheet
392Kb / 10P
Network cable - VS-M12MSS-M12MSS-94F/20,0/10G
1440588 PHOENIX-1440588 Datasheet
384Kb / 10P
VS-M12MSS-OE-94F/20,0/10G - Network cable
1415255 PHOENIX-1415255 Datasheet
280Kb / 9P
VS-IP20-OE-94F-LI/2,0 - Network cable
1400836 PHOENIX-1400836 Datasheet
407Kb / 10P
VS-IP67-IP20-94F-LI/6,5 - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com