Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9235A-RBNDGI Datasheet (PDF) - Renesas Technology Corp

P9235A-RBNDGI Datasheet PDF - Renesas Technology Corp
Part # P9235A-RBNDGI
Download  P9235A-RBNDGI Download
File Size   537.13 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Power Transmitter for up to 5W Applications

P9235A-RBNDGI Datasheet (PDF)

Go To PDF Page Download Datasheet
P9235A-RBNDGI Datasheet PDF - Renesas Technology Corp

Part # P9235A-RBNDGI
Download  P9235A-RBNDGI Click to download

File Size   537.13 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Power Transmitter for up to 5W Applications

P9235A-RBNDGI Datasheet (HTML) - Renesas Technology Corp


P9235A-RBNDGI Product details

Description
The P9235A-RB is a highly integrated, magnetic induction, wireless
power transmitter supporting up to 5W of total wireless system
power with in-band, bi-directional data communication requiring no
additional circuitry. The P9235A-RB offers a pre-programmed
bootloader that must be used in conjunction with an external flash
memory that contains control firmware. This architecture allows the
user to change the firmware in the external flash to meet
application-specific requirements. Renesas also provides firmware
to implement standard WPC coil configurations, such as the A11a
addendum.
The P9235A-RB includes an industry-leading 32-bit ARM®
Cortex®-M0 processor offering a high level of programmability
while consuming extremely low standby power. The transmitter
features two open-drain LED outputs with pre-defined blinking
patterns and five general-purpose input/output (GPIO) pins. The
GPIOs can be firmware-defined for functions such as setting the
current limit, setting FOD limits, driving additional coils, or sounding
a buzzer, which supports a wide range of applications. The I2C
serial communication allows the user to read information such as
voltage, current, frequency, and fault conditions.
The P9235A-RB includes an under-voltage lockout and thermal
management circuit to safeguard the device under fault conditions.
Together with the P9225-R receiver (RX), the P9235A-RB forms a
complete 5W wireless power system solution with bi-directional
data communication.
The P9235A-RB is available in a Pb-free, space-saving 5 × 5 mm
40-VFQFPN package. The product is rated over an operating
temperature range of -40ºC to +85ºC.

Features
 Power transfer up to 5W
 Wide input voltage range: 4.25V to 21V
 WPC compatible
 Integrated step-down switching regulator
 Embedded 32-bit ARM® Cortex®-M0 processor (trademark of
ARM, Ltd.)
 Integrated drivers for external power FETs
 Supports bi-directional data communication
 Simultaneous voltage and current demodulation scheme for
robust communication
 Integrated current sense amplifier
 Low standby power
 Dedicated remote temperature sensing
 Two LED outputs that can indicate power transfer and fault
conditions
 Foreign object detection (FOD)
 Active-low enable pin for electrical on/off
 Over-current and over-temperature protection
 Supports I2C interface
 SPI interface to access external flash memory
 -40 to +85°C ambient operating temperature range
 40-VFQFPN, 5 × 5 mm RoHS-compliant package




Similar Part No. - P9235A-RBNDGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
logo
Renesas Technology Corp
P9235A-R RENESAS-P9235A-R Datasheet
1Mb / 24P
Wireless Power Transmitter for ≤3W Applications
May 17, 2016
logo
Integrated Device Techn...
P9235A-RNDGI IDT-P9235A-RNDGI Datasheet
1Mb / 23P
Wireless Power Transmitter
P9235A-RNDGI8 IDT-P9235A-RNDGI8 Datasheet
1Mb / 23P
Wireless Power Transmitter
More results


Similar Description - P9235A-RBNDGI

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
TS51231 GENNUM-TS51231 Datasheet
275Kb / 10P
Wireless power systems up to 5W output
logo
Renesas Technology Corp
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
Wireless Charging System Transmitter IC for Low Power Applications
logo
Linear Technology
LTC4125 LINER-LTC4125 Datasheet
454Kb / 28P
5W AutoResonant Wireless Power Transmitter
logo
Shenzhen Huazhimei Semi...
HM2007 HMSEMI-HM2007 Datasheet
830Kb / 9P
Wireless Charger for 5W to 20W Systems
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
STWBC86 STMICROELECTRONICS-STWBC86 Datasheet
1Mb / 40P
Qi compatible wireless power transmitter for 5W applications with integrated full bridge
20-Sep-2022
logo
Renesas Technology Corp
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
P9235A-R RENESAS-P9235A-R Datasheet
1Mb / 24P
Wireless Power Transmitter for ≤3W Applications
May 17, 2016
P9241-G RENESAS-P9241-G Datasheet
1Mb / 40P
Wireless Power Transmitter for Smartphones with Fast Charging Modes for 5W, 7.5W, and 10W Applications
March 8, 2019
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
Wireless Power Transmitter for 15W Applications
January 16, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com