Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCTHS250N65G3 Datasheet (PDF) - STMicroelectronics

SCTHS250N65G3 Datasheet PDF - STMicroelectronics
Part # SCTHS250N65G3
Download  SCTHS250N65G3 Download
File Size   301.65 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 650 V, 6.7typ., 207 A in a STPAK package

SCTHS250N65G3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCTHS250N65G3 Datasheet PDF - STMicroelectronics

Part # SCTHS250N65G3
Download  SCTHS250N65G3 Click to download

File Size   301.65 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 650 V, 6.7typ., 207 A in a STPAK package

SCTHS250N65G3 Datasheet (HTML) - STMicroelectronics


SCTHS250N65G3 Product details

Features
• AEC-Q101 qualified
• Very low RDS(on) over the entire temperature range
• High speed switching performances
• Very fast and robust intrinsic body diode
• Source sensing pin for increased efficiency
Application
• Main inverter (electric traction)
Description
This silicon carbide Power MOSFET device has been developed using ST’s
advanced and innovative 3rd generation SiC MOSFET technology. The device
features a very low RDS(on) over the entire temperature range combined with
low capacitances and very high switching operations, which improve application
performance in frequency, energy efficiency, system size and weight reduction.




Similar Part No. - SCTHS250N65G3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTHS250N120G3AG STMICROELECTRONICS-SCTHS250N120G3AG Datasheet
323Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 8.5 mΩ typ., 239 A in a STPAK package
24-Jun-2024
More results


Similar Description - SCTHS250N65G3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTH35N65G2V-7AG STMICROELECTRONICS-SCTH35N65G2V-7AG Datasheet
620Kb / 15P
Automotive-grade silicon carbide Power MOSFET, 650 V, 45 A,55 mΩ (typ., TJ = 25 °C) in an H2PAK-7 package
24-Jan-2020
SCTW100N65G2AG STMICROELECTRONICS-SCTW100N65G2AG Datasheet
423Kb / 11P
Automotive-grade silicon carbide Power MOSFET 650 V, 100 A,20 mΩ (typ., TJ=25 °C), in an HiP247™ package
21-Nov-2018
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
SCTWA35N65G2VAG STMICROELECTRONICS-SCTWA35N65G2VAG Datasheet
243Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 long leads package
11-Aug-2020
SCTWA60N120G2AG STMICROELECTRONICS-SCTWA60N120G2AG Datasheet
242Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 45 mΩ typ., 52 A in an HiP247 long leads package
16-Dec-2020
SCT012H90G3AG STMICROELECTRONICS-SCT012H90G3AG Datasheet
390Kb / 14P
Automotive-grade silicon carbide Power MOSFET 900 V, 12 mΩ typ., 110 A in an H²PAK-7 package
27-Sep-2022
SCT018H65G3AG STMICROELECTRONICS-SCT018H65G3AG Datasheet
390Kb / 14P
Automotive-grade silicon carbide Power MOSFET 650 V, 20 mΩ typ., 55 A in an H²PAK-7 package
07-Oct-2022
SCT025H120G3AG STMICROELECTRONICS-SCT025H120G3AG Datasheet
369Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 27 mΩ typ., 55 A in an H²PAK-7 package
28-Nov-2022
SCT040H65G3AG STMICROELECTRONICS-SCT040H65G3AG Datasheet
389Kb / 14P
Automotive-grade silicon carbide Power MOSFET 650 V, 40 mΩ typ., 30 A in an H²PAK-7 package
21-Jan-2022
SCT070H120G3AG STMICROELECTRONICS-SCT070H120G3AG Datasheet
396Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an H²PAK-7 package
04-Apr-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com