Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3L4UG Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3L4UG Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3L4UG
Download  PESD3V3L4UG Download
File Size   661.17 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional quadruple ESD protection diode arrays

PESD3V3L4UG Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3L4UG Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3L4UG
Download  PESD3V3L4UG Click to download

File Size   661.17 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional quadruple ESD protection diode arrays

PESD3V3L4UG Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3L4UG Product details

1.1 General description
Low capacitance unidirectional quadruple ElectroStatic Discharge (ESD) protection diode
arrays in small Surface-Mounted Device (SMD) plastic packages designed to protect up to
four signal lines from the damage caused by ESD and other transients.

Table 1. Product overview
Type number Package Package configuration
Nexperia JEITA JEDEC
PESD3V3L4UF SOT886 - MO-252 leadless ultra small
PESD5V0L4UF SOT886 - MO-252 leadless ultra small
PESD3V3L4UG SOT353 SC-88A - very small
PESD5V0L4UG SOT353 SC-88A - very small
PESD3V3L4UW SOT665 - - ultra small and flat lead
PESD5V0L4UW SOT665 - - ultra small and flat lead

1.2 Features
n ESD protection of up to four lines
n Low diode capacitance
n Max. peak pulse power: PPP = 30 W
n Low clamping voltage: VCL = 12 V
n Ultra low leakage current: IRM = 5 nA
n ESD protection up to 20 kV
n IEC 61000-4-2; level 4 (ESD)
n IEC 61000-4-5 (surge); IPP = 2.5 A

1.3 Applications
n Computers and peripherals
n Audio and video equipment
n Cellular handsets and accessories
n Communication systems
n Portable electronics
n Subscriber Identity Module (SIM) card
protection




Similar Part No. - PESD3V3L4UG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L4UG PHILIPS-PESD3V3L4UG Datasheet
89Kb / 9P
Low capacitance quadruple ESD protection diode array in SOT353 package
2004 Mar 23
PESD3V3L4UG NXP-PESD3V3L4UG Datasheet
323Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESD3V3L4UG PHILIPS-PESD3V3L4UG Datasheet
118Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Shanghai Leiditech Elec...
PESD3V3L4UG LEIDITECH-PESD3V3L4UG Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
Rev : 01.06.2018
logo
Nexperia B.V. All right...
PESD3V3L4UG NEXPERIA-PESD3V3L4UG Datasheet
661Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
More results


Similar Description - PESD3V3L4UG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com