Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD15VS5UD Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD15VS5UD Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD15VS5UD
Download  PESD15VS5UD Download
File Size   664.93 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Fivefold ESD protection diode arrays

PESD15VS5UD Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD15VS5UD Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD15VS5UD
Download  PESD15VS5UD Click to download

File Size   664.93 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Fivefold ESD protection diode arrays

PESD15VS5UD Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD15VS5UD Product details

1.1 General description
Fivefold ElectroStatic Discharge (ESD) protection diode arrays in a SOT457 (SC-74) small
Surface-Mounted Device (SMD) plastic package designed to protect up to five signal lines
from the damage caused by ESD and other transients.
1.2 Features
1.3 Applications
n ESD protection of up to five lines n ESD protection up to 30 kV
n Max. peak pulse power: PPP = 200 W n IEC 61000-4-2; level 4 (ESD)
n Ultra low leakage current: IRM = 50 pA n IEC 61000-4-5 (surge); IPP up to 20 A
n Low clamping voltage: VCL = 12 V at
IPP = 20 A
n Computers and peripherals n Communication systems
n Audio and video equipment n Portable electronics
n Cellular handsets and accessories n Subscriber Identity Module (SIM) card
protection




Similar Part No. - PESD15VS5UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VS5UD NXP-PESD15VS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESD15VS5UD-Q NEXPERIA-PESD15VS5UD-Q Datasheet
238Kb / 12P
Fivefold ESD protection diode array
15 May 2023
More results


Similar Description - PESD15VS5UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL5UF NXP-PESDXL5UF Datasheet
105Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
PESD5V0L5UK PHILIPS-PESD5V0L5UK Datasheet
462Kb / 15P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1-25 August 2010
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
logo
Nexperia B.V. All right...
PESDXL5UF NEXPERIA-PESDXL5UF Datasheet
655Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
logo
Nexperia B.V. All right...
PESD3V3L5UK NEXPERIA-PESD3V3L5UK Datasheet
462Kb / 15P
Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1 - 25 August 2010
PESD12VS5UD-Q NEXPERIA-PESD12VS5UD-Q Datasheet
238Kb / 12P
Fivefold ESD protection diode array
15 May 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com