Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLVA656A-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PLVA656A-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PLVA656A-Q
Download  PLVA656A-Q Download
File Size   206.37 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-voltage avalanche regulator diodes

PLVA656A-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PLVA656A-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PLVA656A-Q
Download  PLVA656A-Q Click to download

File Size   206.37 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-voltage avalanche regulator diodes

PLVA656A-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PLVA656A-Q Product details

1. General description
High performance voltage regulator diodes in a small SOT23 (TO-236AB), Surface-Mounted
Device (SMD) plastic package.

2. Features and benefits
• Very low dynamic impedance at low currents: approximately 5 % of conventional series
• Hard breakdown knee
• Low noise: approximately 10 % of conventional series
• Total power dissipation: max. 250 mW
• Small tolerances of VZ
• Working voltage range: nominal 5.00 to 6.80 V
• Non-repetitive peak reverse power dissipation: maximal 30 W at 150 °C
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low current, low power, low noise applications
• CMOS RAM back-up circuits
• Voltage stabilizers
• Voltage limiters
• Smoke detector relays




Similar Part No. - PLVA656A-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLVA656A PHILIPS-PLVA656A Datasheet
43Kb / 8P
Low-voltage avalanche regulator diodes
1999 May 25
logo
Nexperia B.V. All right...
PLVA656A NEXPERIA-PLVA656A Datasheet
223Kb / 10P
Low-voltage avalanche regulator diodes
Rev. 4 - 1 January 2023
More results


Similar Description - PLVA656A-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
Low-voltage avalanche regulator double diodes
1999 May 10
PLVA400A PHILIPS-PLVA400A Datasheet
22Kb / 5P
Low-voltage avalanche regulator diodes
1996 Apr 26
PLVA600A PHILIPS-PLVA600A Datasheet
43Kb / 8P
Low-voltage avalanche regulator diodes
1999 May 25
logo
Jinan Gude Electronic D...
1N5518 JGD-1N5518 Datasheet
243Kb / 2P
0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Microsemi Corporation
1N5518-1 MICROSEMI-1N5518-1 Datasheet
81Kb / 2P
LOW VOLTAGE AVALANCHE DIODES DO-35
1N5518 MICROSEMI-1N5518 Datasheet
83Kb / 2P
LOW VOLTAGE AVALANCHE DIODES DO-7
logo
New Jersey Semi-Conduct...
1N5518 NJSEMI-1N5518 Datasheet
191Kb / 1P
0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Nexperia B.V. All right...
PLVA6XXA_SER NEXPERIA-PLVA6XXA_SER Datasheet
223Kb / 10P
Low-voltage avalanche regulator diodes
Rev. 4 - 1 January 2023
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SER NEXPERIA-PLVA2600A_SER Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com