Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2005EGW-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG2005EGW-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG2005EGW-Q
Download  PMEG2005EGW-Q Download
File Size   220.21 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 0.5 A low VF MEGA Schottky barrier rectifier

PMEG2005EGW-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2005EGW-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG2005EGW-Q
Download  PMEG2005EGW-Q Click to download

File Size   220.21 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 0.5 A low VF MEGA Schottky barrier rectifier

PMEG2005EGW-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG2005EGW-Q Product details

1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated
guard ring for stress protection encapsulated in small SOD123 Surface-Mounted Device (SMD)
plastic package.

2. Features and benefits
• Forward current: IF ≤ 0.5 A
• Reverse voltage: VR ≤ 20 V
• Low forward voltage typ. VF = 355 mV
• Low reverse current typ. IR = 40 μA
• Small SMD plastic package
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Reverse polarity protection
• Low power consumption applications
• Automotive applications




Similar Part No. - PMEG2005EGW-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2005EGW NEXPERIA-PMEG2005EGW Datasheet
682Kb / 12P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
More results


Similar Description - PMEG2005EGW-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005EPK PHILIPS-PMEG2005EPK Datasheet
1Mb / 13P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 January 2012
PMEG2005BELD PHILIPS-PMEG2005BELD_15 Datasheet
210Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
4 August 2015
PMEG2005EPK PHILIPS-PMEG2005EPK_15 Datasheet
1Mb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
logo
Nexperia B.V. All right...
PMEG2005EGW NEXPERIA-PMEG2005EGW Datasheet
682Kb / 12P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005AESF NEXPERIA-PMEG2005AESF Datasheet
690Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG2005ESF NEXPERIA-PMEG2005ESF Datasheet
704Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005BELD-Q NEXPERIA-PMEG2005BELD-Q Datasheet
243Kb / 12P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
17 May 2021
PMEG2005EPK NEXPERIA-PMEG2005EPK Datasheet
1Mb / 15P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
PMEG2005ELD NEXPERIA-PMEG2005ELD Datasheet
1Mb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 4 May 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com