Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84330CV-01LFT Datasheet (PDF) - Renesas Technology Corp

84330CV-01LFT Datasheet PDF - Renesas Technology Corp
Part # 84330CV-01LFT
Download  84330CV-01LFT Download
File Size   503.66 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHz, Low Jitter, Crystal-To-3.3V LVPECL Frequency Synthesizer

84330CV-01LFT Datasheet (PDF)

Go To PDF Page Download Datasheet
84330CV-01LFT Datasheet PDF - Renesas Technology Corp

Part # 84330CV-01LFT
Download  84330CV-01LFT Click to download

File Size   503.66 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHz, Low Jitter, Crystal-To-3.3V LVPECL Frequency Synthesizer

84330CV-01LFT Datasheet (HTML) - Renesas Technology Corp


84330CV-01LFT Product details

Features
• Fully integrated PLL, no external loop filter requirements
• One differential 3.3V LVPECL output
• Crystal oscillator interface: 10MHz – 25MHz
• Output frequency range: 31.25MHz – 700MHz
• VCO range: 250MHz – 700MHz
• Parallel or serial interface for programming M and N dividers
during power-up
• RMS period jitter: 5ps (maximum)
• Cycle-to-cycle jitter: 40ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement part use 8T49N242




Similar Part No. - 84330CV-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
84330CVILF IDT-84330CVILF Datasheet
360Kb / 20P
720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
84330CVILF RENESAS-84330CVILF Datasheet
557Kb / 21P
720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
January 13, 2016
logo
Integrated Device Techn...
84330CVILFT IDT-84330CVILFT Datasheet
360Kb / 20P
720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
84330CVILFT RENESAS-84330CVILFT Datasheet
557Kb / 21P
720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
January 13, 2016
84330CVLN RENESAS-84330CVLN Datasheet
486Kb / 21P
700MHz, Low Jitter, Crystal-to-3.3V Differential LVPECL Frequency
4/22/15
More results


Similar Description - 84330CV-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. D DECEMBER 15, 2004
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 10, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330C ICST-ICS84330C Datasheet
283Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
84329-01 IDT-84329-01_14 Datasheet
504Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
84329B RENESAS-84329B Datasheet
616Kb / 19P
700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
07/29/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com