Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBT3420 Datasheet (PDF) - Renesas Technology Corp

BBT3420 Datasheet PDF - Renesas Technology Corp
Part # BBT3420
Download  BBT3420 Download
File Size   1639.97 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad 2.488-3.1875Gbps/Channel Transceiver

BBT3420 Datasheet (PDF)

Go To PDF Page Download Datasheet
BBT3420 Datasheet PDF - Renesas Technology Corp

Part # BBT3420
Download  BBT3420 Click to download

File Size   1639.97 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad 2.488-3.1875Gbps/Channel Transceiver

BBT3420 Datasheet (HTML) - Renesas Technology Corp


BBT3420 Product details

1 Features
• Four channels of transmitter and receiver with serial data
transfer rates of 2.488-3.1875Gbps/channel with full rate
and half-rate operations
• Up to 12.75Gbps data rate at full duplex
• User-controlled dual-speed operation (per channel) 2.488-
3.1875Gbps or 1.244-1.59Gbps
• IEEE 802.3ae-2002 10 GE and 10 GFC compliant
- XAUI, XGMII, and MDC/MDIO interfaces
• XGMII format 10-bit parallel input/output data
- Supports HSTL 1.8V and 2.5V SSTL_2
• Extensive configuration via 802.3-compliant MDC/MDIO
serial interface
• 8bit/10bit Encoding/Decoding per channel with selectable
parallel input/output data sizes
- Support optional 8b/10b encoder/decoder bypass
operation
• Integrated Equalization and Pre-emphasis
• De-skewing and channel-to-channel alignment options
• Low power, 250mW per channel typical
• Meets jitter requirements with significant margin
• Comma detection and synchronization, byte alignment
• Tx/Rx rate matching via IDLE insertion/deletion
• Receive signal detect and 16 levels of transmission
medium equalization
• CML transmit outputs with four levels of pre-emphasis
• Loopback
- Per-channel serial Tx-to-Rx and Rx-to-Tx parallel
internal loopback modes
• Single-ended/differential input Reference clock
• Double Data-Rate (DDR) mode, also optional SDR (Single
Data Rate) on transmitter
• Support both source-centered and source-simultaneous
clocking
• Long Run Length (512 bit) frequency lock ideal for
proprietary encoding schemes Transmit byte clock
schemes
- One Transmit Byte Clock (TBC) for each channel, or
one TBC for all four channels
• Received clock schemes
- Receive data aligned to local reference clock, to
recovered clock for each channel, or to recovered clock
for Channel A only
• Supports Built-In Self Test (BIST) and IEEE 1149.1 JTAG
• On-chip 25 series output terminations (XGMII side)
• Standard 0.18μm 1.8V CMOS technology
• 3.3V tolerant I/O




Similar Part No. - BBT3420

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BBT3420 INTERSIL-BBT3420 Datasheet
832Kb / 38P
Quad 2.488-3.1875Gbps/Channel Transceiver
September 14, 2005
BBT3420-SN INTERSIL-BBT3420-SN Datasheet
832Kb / 38P
Quad 2.488-3.1875Gbps/Channel Transceiver
September 14, 2005
More results


Similar Description - BBT3420

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8211 BOARDCOM-BCM8211 Datasheet
116Kb / 1P
2.488 GBPS SONET/ SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Broadcom Corporation.
BCM8220 BOARDCOM-BCM8220 Datasheet
119Kb / 1P
2.488/ 2.667 GBPS ULTRA LOW POWE SONET/SDH TRANSCEIVER
logo
Intersil Corporation
BBT3420 INTERSIL-BBT3420 Datasheet
832Kb / 38P
Quad 2.488-3.1875Gbps/Channel Transceiver
September 14, 2005
logo
Broadcom Corporation.
BCM8210 BOARDCOM-BCM8210 Datasheet
111Kb / 1P
2.488 GBPS FULLY INTEGRATED LOW POWER SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Broadcom Corporation.
BCM8211 BOARDCOM-BCM8211_04 Datasheet
122Kb / 2P
2.488 GBPS SONET/SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
BCM8220 BOARDCOM-BCM8220_04 Datasheet
125Kb / 2P
2.488/2.667 GBPS ULTRA LOW POWER SONET/SDH TRANSCEIVER
logo
Texas Instruments
AFE7952 TI-AFE7952 Datasheet
703Kb / 8P
AFE7952 Quad-Channel RF Transceiver
NOVEMBER 2022
AFE7952 TI-AFE7952_V01 Datasheet
862Kb / 13P
AFE7952 Quad-Channel RF Transceiver
NOVEMBER 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com