Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR5CM-12RA Datasheet (PDF) - Renesas Technology Corp

BCR5CM-12RA Datasheet PDF - Renesas Technology Corp
Part # BCR5CM-12RA
Download  BCR5CM-12RA Download
File Size   473.08 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 5A - Triac Medium Power Use

BCR5CM-12RA Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR5CM-12RA Datasheet PDF - Renesas Technology Corp

Part # BCR5CM-12RA
Download  BCR5CM-12RA Click to download

File Size   473.08 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 5A - Triac Medium Power Use

BCR5CM-12RA Datasheet (HTML) - Renesas Technology Corp


BCR5CM-12RA Product details

Features
• IT (RMS) : 5 A
• VDRM : 600 V
• IFGTI, IRGTI, IRGT III: 15 mA (10 mA)Note5
• Non-insulated Type
• Planar Passivation Type




Similar Part No. - BCR5CM-12RA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5CM-12RA RENESAS-BCR5CM-12RA_15 Datasheet
103Kb / 7P
600V - 5A - Triac Medium Power Use
More results


Similar Description - BCR5CM-12RA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5CM-12LB RENESAS-BCR5CM-12LB Datasheet
132Kb / 8P
600V - 5A - Triac Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB Datasheet
63Kb / 4P
600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB Datasheet
59Kb / 4P
600V - 5A - Triac Medium Power Use
BCR5LM-12RB RENESAS-BCR5LM-12RB Datasheet
101Kb / 8P
600V - 5A - Triac Medium Power Use
BCR5PM-14LJ RENESAS-BCR5PM-14LJ Datasheet
117Kb / 8P
700V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA_15 Datasheet
103Kb / 7P
600V - 5A - Triac Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB_15 Datasheet
59Kb / 4P
600V - 5A - Triac Medium Power Use
BCR5LM-14LJ RENESAS-BCR5LM-14LJ_15 Datasheet
110Kb / 8P
700V - 5A - Triac Medium Power Use
BCR5CM-12LB RENESAS-BCR5CM-12LB_15 Datasheet
132Kb / 8P
600V - 5A - Triac Medium Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com