Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8FM-12LC Datasheet (PDF) - Renesas Technology Corp

BCR8FM-12LC Datasheet PDF - Renesas Technology Corp
Part # BCR8FM-12LC
Download  BCR8FM-12LC Download
File Size   514.47 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 8A - Triac Medium Power Use

BCR8FM-12LC Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR8FM-12LC Datasheet PDF - Renesas Technology Corp

Part # BCR8FM-12LC
Download  BCR8FM-12LC Click to download

File Size   514.47 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 8A - Triac Medium Power Use

BCR8FM-12LC Datasheet (HTML) - Renesas Technology Corp


BCR8FM-12LC Product details

Features
• IT (RMS) : 8 A
• VDRM : 600 V
• Tj: 150°C
• IFGTI, IRGTI, IRGT III: 50 mA
• Insulated Type
• Planar Passivation Type
• Viso: 2000 V




Similar Part No. - BCR8FM-12LC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR8FM-12LC ISC-BCR8FM-12LC Datasheet
249Kb / 2P
isc Triacs
More results


Similar Description - BCR8FM-12LC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8FM-14LJ RENESAS-BCR8FM-14LJ Datasheet
112Kb / 8P
700V - 8A - Triac Medium Power Use
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
600V - 8A - Triac Medium Power Use
BCR8FM-14LB RENESAS-BCR8FM-14LB_15 Datasheet
122Kb / 8P
700V ??8A - Triac Medium Power Use
BCR8PM-12LE RENESAS-BCR8PM-12LE_15 Datasheet
194Kb / 8P
600V ??8A - Triac Medium Power Use
BCR8LM-12LA RENESAS-BCR8LM-12LA_15 Datasheet
138Kb / 7P
600V - 8A - Triac Medium Power Use
BCR8FM-14LJ RENESAS-BCR8FM-14LJ_15 Datasheet
112Kb / 8P
700V - 8A - Triac Medium Power Use
BCR8CM-12LB RENESAS-BCR8CM-12LB_15 Datasheet
151Kb / 9P
600V - 8A - Triac Medium Power Use
BCR8FM-12LB RENESAS-BCR8FM-12LB Datasheet
518Kb / 9P
BCR8FM-12LB 600V - 8A - Triac Medium Power Use
Feb. 19, 2019
BCR8FM-14LC RENESAS-BCR8FM-14LC Datasheet
509Kb / 9P
700V - 8A - Triac Medium Power Use
Feb. 19, 2019
BCR8FM-14RA RENESAS-BCR8FM-14RA Datasheet
474Kb / 7P
700V - 8A - Triac Medium Power Use
Oct. 10, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com