Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM8208 Datasheet (PDF) - CET-MOS Technology Corp.

CEM8208 Datasheet PDF - CET-MOS Technology Corp.
Part # CEM8208
Download  CEM8208 Download
File Size   609.52 Kbytes
Page   4 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description Dual N-Channel Enhancement Mode Field Effect Transistor

CEM8208 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEM8208 Datasheet PDF - CET-MOS Technology Corp.

Part # CEM8208
Download  CEM8208 Click to download

File Size   609.52 Kbytes
Page   4 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description Dual N-Channel Enhancement Mode Field Effect Transistor

CEM8208 Datasheet (HTML) - CET-MOS Technology Corp.


CEM8208 Product details

FEATURES
20V, 7A, RDS(ON) = 22mW @VGS = 4.5V.
RDS(ON) = 32mW @VGS = 2.5V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
Surface mount Package.
Lead free product is acquired.
ESD Protected: 2000 V




Similar Part No. - CEM8208

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM8208 CET-CEM8208 Datasheet
396Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
CEM8208 DOINGTER-CEM8208 Datasheet
1Mb / 5P
Dual N-Channel MOSFET uses advanced trench technology
More results


Similar Description - CEM8208

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com