Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7904-1A Datasheet (PDF) - Renesas Technology Corp

PS7904-1A Datasheet PDF - Renesas Technology Corp
Part # PS7904-1A
Download  PS7904-1A Download
File Size   208.93 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET

PS7904-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7904-1A Datasheet PDF - Renesas Technology Corp

Part # PS7904-1A
Download  PS7904-1A Click to download

File Size   208.93 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET

PS7904-1A Datasheet (HTML) - Renesas Technology Corp


PS7904-1A Product details

DESCRIPTION
The PS7904-1A is a low output capacitance solid state relay containing a GaAs LED on the light emitting side (input
side) and MOS FETs on the output side.
A small flat-lead package has been provided which realizes a reduction in mounting area of about 50% compared with
the PS78xx series.
It is suitable for high-frequency signal control, due to its low C × R, low output capacitance, and low off-state leakage
current.
FEATURES
• Small flat-lead package (2.5 (L) × 2.3 (W) × 2.9 (H) mm)
• Low on-state resistance (Ron = 1.1 Ω TYP.)
• Low C × R (C × R = 29.7 pF • Ω)
• Large continuous load current (IL = 400 mA)
• 1 channel type (1 a output)
• Designed for AC/DC switching line changer
• Low offset voltage
• Embossed tape product : PS7904-1A-F3 : 3 500 pcs/reel
• Pb-Free product




Similar Part No. - PS7904-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7904-1A CEL-PS7904-1A Datasheet
1Mb / 7P
Specifications in this document are tentative and subject to change.
logo
Renesas Technology Corp
PS7904-1A RENESAS-PS7904-1A_15 Datasheet
209Kb / 10P
4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE
More results


Similar Description - PS7904-1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7804-1A NEC-PS7804-1A Datasheet
92Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7802A-1A NEC-PS7802A-1A Datasheet
93Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802A-1A CEL-PS7802A-1A Datasheet
180Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7804-1A CEL-PS7804-1A Datasheet
182Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7902-1A CEL-PS7902-1A Datasheet
1Mb / 7P
4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200E-1A RENESAS-PS7200E-1A Datasheet
260Kb / 16P
4-PIN SOP, 0.8 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com