Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTX105R Datasheet (PDF) - Renesas Technology Corp

PTX105R Datasheet PDF - Renesas Technology Corp
Part # PTX105R
Download  PTX105R Download
File Size   529.41 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PTX105R NFC Reader IC

PTX105R Datasheet (PDF)

Go To PDF Page Download Datasheet
PTX105R Datasheet PDF - Renesas Technology Corp

Part # PTX105R
Download  PTX105R Click to download

File Size   529.41 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PTX105R NFC Reader IC

PTX105R Datasheet (HTML) - Renesas Technology Corp


PTX105R Product details

Product Description
The PTX105R is a highly integrated NFC reader
IC for contactless communication, which is
optimized for reader performance and
interoperability (Vcc current up to 500mA).
While eliminating EMC filter and matching
components, the PTX105R enables simple
integration and compact design without the
complexity associated with existing solutions
(dual resonating circuits composed by EMC
filter and antenna).
Due to its modular Soft Controller architecture,
the NFC functionalities are integrated into a
split stack solution where time-critical
operations are running on the on-chip MCU,
and the rest of the NFC logic is in the host
controller to carry out applications such as IOT
reader and POS.

Features
The architecture enables:
• Efficient power transmission with accurate
digital programmability of RF carrier and
modulation shape
• EMC filter removal due to sinewave output
driver and Direct Antenna Connection
(DiRAC)
• -80dBc RX sensitivity with full dynamic
range due to DiRAC
• SDK composed of FW and SW integrated in
a Split Stack architecture with Over-The-Air
firmware update on the host processor:
- Modular SW stack running on the Host
architecture
- Integrated FW running on the on-chip
MCU for timing critical operations
1 Depending on the Software Stack, full NFC Forum Poller
functionality or EMVCo® L1 is supported by PTX105R.
• Fractional-N PLL to support any reference
input clock frequency from 13.15MHz to
52MHz
• Low Power Card Detection (LPCD)
• ISO/IEC14443-A reader/writer mode up to
848kBit/s
• ISO/IEC14443-B reader/writer mode up to
848kBit/s
• NFC Forum Poller mode
• Supports reading of NFC Tag Type 2, 3,
4A/4B and 5
• FeliCa reader/writer mode 212&424kBit/s
• ISO/IEC 15693 reader/writer mode
• NFC Forum P2P Passive Initiator
• NFC Card Emulation Mode for Tag Type 4A
(106kBit/s)
• Low Power Field Detection (LPFD)
• EMVCo® 3.0/3.1 PCD L1 compliancy1
• Supported host interfaces: I2C, SPI, UART
PTX105R reader IC enables key improvements
in customer care-about such as:
RF performance: Patented groundbreaking
architecture enables efficient power
transmission and -80dBc RX sensitivity, state of
the art reader performance even in challenging
and complex integration environments.

Interoperability:
• Digitized architecture enables accurate
shape control of the modulated signal.
• Elimination of the EMC filter results in wellbehaved signal shape avoiding overshoot
and undershoot
• DiRAC allows minimum output power loss
on matching structure with high input
sensitivity, which translates to
substantially larger operating volume.




Similar Part No. - PTX105R

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
PTX10000 JUNIPER-PTX10000 Datasheet
545Kb / 8P
PTX10000 LINE OF MODULAR ROUTERS
PTX10001 JUNIPER-PTX10001 Datasheet
487Kb / 8P
PTX10001 AND PTX10003 FIXED CONFIGURATION ROUTERS
PTX10001-36MR JUNIPER-PTX10001-36MR Datasheet
487Kb / 8P
PTX10001 AND PTX10003 FIXED CONFIGURATION ROUTERS
PTX10001-36MR-AC JUNIPER-PTX10001-36MR-AC Datasheet
487Kb / 8P
PTX10001 AND PTX10003 FIXED CONFIGURATION ROUTERS
PTX10001-36MR-DC JUNIPER-PTX10001-36MR-DC Datasheet
487Kb / 8P
PTX10001 AND PTX10003 FIXED CONFIGURATION ROUTERS
More results


Similar Description - PTX105R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
NXP Semiconductors
PR533 NXP-PR533 Datasheet
615Kb / 36P
USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
ICODE reader IC
Rev. 3.3-23 March 2010
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
logo
Sony Corporation
RC-S620 SONY-RC-S620 Datasheet
627Kb / 2P
Embedded NFC Reader Module
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com