Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LV0816ASD Datasheet (PDF) - Renesas Technology Corp

R1LV0816ASD Datasheet PDF - Renesas Technology Corp
Part # R1LV0816ASD
Download  R1LV0816ASD Download
File Size   264.26 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)

R1LV0816ASD Datasheet (PDF)

Go To PDF Page Download Datasheet
R1LV0816ASD Datasheet PDF - Renesas Technology Corp

Part # R1LV0816ASD
Download  R1LV0816ASD Click to download

File Size   264.26 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)

R1LV0816ASD Datasheet (HTML) - Renesas Technology Corp


R1LV0816ASD Product details

Description
The R1LV0816ASD is a family of low voltage 8-Mbit static RAMs organized as 524,288-words by 16-bit,
fabricated by Renesas's high-performance 0.15um CMOS and TFT technologies. The R1LV0816ASD is
suitable for memory applications where a simple interfacing, battery operating and battery backup are the
important design objectives.
The R1LV0816ASD is packaged in a 52pin thin small outline mount device [µTSOP/ 10.79mm x 10.49 mm
with the pin-pitch of 0.40mm]. It gives the best solution for a compaction of mounting area as well as
flexibility of wiring pattern of printed circuit boards.
Features
Single 2.4-3.6V power supply
Small stand-by current: 1.2たA (Vcc=3.0V, typ.)
No clocks, No refresh
All inputs and outputs are TTL compatible
Easy memory expansion byCS2, CS1#, LB# and UB#
Common Data I/O
Three-state outputs: OR-tie capability
OE# prevents data contention in the I/O bus
Operation temperature: -40 ~ +85°C




Similar Part No. - R1LV0816ASD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0816ASD-5SI RENESAS-R1LV0816ASD-5SI Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASD-7SI RENESAS-R1LV0816ASD-7SI Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
More results


Similar Description - R1LV0816ASD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0816ABG-5SI RENESAS-R1LV0816ABG-5SI Datasheet
258Kb / 18P
8Mb Advanced LPSRAM (512k word x 16bit)
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASB-5SI RENESAS-R1LV0816ASB-5SI Datasheet
214Kb / 18P
8Mb Advanced LPSRAM (512k word x 16bit)
R1LV0816ASD-5SI RENESAS-R1LV0816ASD-5SI Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV0816ASB RENESAS-R1LV0816ASB Datasheet
214Kb / 18P
8Mb Advanced LPSRAM (512k word x 16bit)
2009.12.07
RMLV0816BGBG-4S2 RENESAS-RMLV0816BGBG-4S2 Datasheet
340Kb / 15P
8Mb Advanced LPSRAM (512k word × 16bit)
2020.02.20
RMLV0816BGSA-4S2 RENESAS-RMLV0816BGSA-4S2 Datasheet
347Kb / 16P
8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
RMLV0816BGSB-4S2 RENESAS-RMLV0816BGSB-4S2 Datasheet
330Kb / 14P
8Mb Advanced LPSRAM (512k word × 16bit)
2020.02.20
RMLV0816BGSD-4S2 RENESAS-RMLV0816BGSD-4S2 Datasheet
343Kb / 16P
8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com