Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8A66597 Datasheet (PDF) - Renesas Technology Corp

R8A66597 Datasheet PDF - Renesas Technology Corp
Part # R8A66597
Download  R8A66597 Download
File Size   1816.88 Kbytes
Page   187 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)

R8A66597 Datasheet (PDF)

Go To PDF Page Download Datasheet
R8A66597 Datasheet PDF - Renesas Technology Corp

Part # R8A66597
Download  R8A66597 Click to download

File Size   1816.88 Kbytes
Page   187 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)

R8A66597 Datasheet (HTML) - Renesas Technology Corp


R8A66597 Product details

1.2 Features
1.2.1 Built-in Host Controller and Peripheral Controller compatible with Hi-Speed USB
• Built-in USB Host Controller and Peripheral Controller
• Toggle between USB Host functions and Peripheral functions is possible according to what is written to the register
• Built-in USB transceiver
1.2.2 Low power consumption
• 1.5V core power consumes less power when operating
• With the installed Low Power Sleep Mode functions, less power is consumed when the USB is not in use, which is
also applicable for portable devices
• Standby power consumption can be greatly reduced by keeping only the VIF power source ON when not using the
USB function.
• Operational with a 3.3V single power supply using the internal 1.5V core power regulator
1.2.3 Space-saving package
• Few external devices and space-saving package
x VBUS signal can be connected directly to the controller input pin
x Built-in D+ pull-up resistor (for Peripheral function)
x Built-in D+ and D- pull-down resistors (for Host function)
x Built-in D+ and D- terminating resistors (for Hi-Speed operations)
x Built-in D+ and D- output resistors (for Full-Speed and Low-Speed operations)




Similar Part No. - R8A66597

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66597BG RENESAS-R8A66597BG Datasheet
1Mb / 185P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
R8A66597DFP RENESAS-R8A66597DFP Datasheet
1Mb / 185P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
More results


Similar Description - R8A66597

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
ASSP (USB2.0 Device Controller)
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
ASSP (USB2.0 Peripheral Controller)
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
M66591 RENESAS-M66591 Datasheet
1,005Kb / 135P
ASSP (USB2.0 Peripheral Controller)
Nov. 30, 2004
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
ASSP (USB2.0 Peripheral Controller)
2004.10.01
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com