Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR12FM-14RA Datasheet (PDF) - Renesas Technology Corp

BCR12FM-14RA Datasheet PDF - Renesas Technology Corp
Part # BCR12FM-14RA
Download  BCR12FM-14RA Download
File Size   468.49 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V - 12A - Triac Medium Power Use

BCR12FM-14RA Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR12FM-14RA Datasheet PDF - Renesas Technology Corp

Part # BCR12FM-14RA
Download  BCR12FM-14RA Click to download

File Size   468.49 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V - 12A - Triac Medium Power Use

BCR12FM-14RA Datasheet (HTML) - Renesas Technology Corp


BCR12FM-14RA Product details

Features
• IT (RMS) : 12 A
• VDRM : 700 V
• IFGTI, IRGTI, IRGT III: 10 mA
• Insulated Type
• Planar Passivation Type
• Viso: 2000V




Similar Part No. - BCR12FM-14RA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12FM-14LB RENESAS-BCR12FM-14LB Datasheet
133Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12FM-14LBA8BB0 RENESAS-BCR12FM-14LBA8BB0 Datasheet
133Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12FM-14LBBB0 RENESAS-BCR12FM-14LBBB0 Datasheet
133Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12FM-14LB RENESAS-BCR12FM-14LB_15 Datasheet
125Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12FM-14LB RENESAS-BCR12FM-14LB_17 Datasheet
824Kb / 9P
700V - 12A - Triac
More results


Similar Description - BCR12FM-14RA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12FM-14LB RENESAS-BCR12FM-14LB Datasheet
133Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12FM-14LJ RENESAS-BCR12FM-14LJ Datasheet
105Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ Datasheet
110Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ Datasheet
111Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12FM-14LB RENESAS-BCR12FM-14LB_15 Datasheet
125Kb / 8P
700V - 12A - Triac Medium Power Use
BCR25FM-14LJ RENESAS-BCR25FM-14LJ_15 Datasheet
121Kb / 8P
700V - 25A - Triac Medium Power Use
BCR12FM-14LJ RENESAS-BCR12FM-14LJ_15 Datasheet
105Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ_15 Datasheet
110Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12FM-14LC RENESAS-BCR12FM-14LC Datasheet
514Kb / 9P
700V - 12A - Triac Medium Power Use
Feb. 19, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com