Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16CM-12LCBH0 Datasheet (PDF) - Renesas Technology Corp

BCR16CM-12LCBH0 Datasheet PDF - Renesas Technology Corp
Part # BCR16CM-12LCBH0
Download  BCR16CM-12LCBH0 Download
File Size   488.95 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 12A - Triac Medium Power Use

BCR16CM-12LCBH0 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR16CM-12LCBH0 Datasheet PDF - Renesas Technology Corp

Part # BCR16CM-12LCBH0
Download  BCR16CM-12LCBH0 Click to download

File Size   488.95 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 12A - Triac Medium Power Use

BCR16CM-12LCBH0 Datasheet (HTML) - Renesas Technology Corp


BCR16CM-12LCBH0 Product details

Features
• IT (RMS) : 16 A
• VDRM : 600 V
• IFGTI, IRGTI, IRGT III: 50 mA
• Tj: 150°C
• Non-insulated Type
• Planar Passivation Type




Similar Part No. - BCR16CM-12LCBH0

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR16CM-12LC ISC-BCR16CM-12LC Datasheet
212Kb / 1P
isc Thyristors
logo
Renesas Technology Corp
BCR16CM-12LC RENESAS-BCR16CM-12LC_15 Datasheet
147Kb / 8P
600V - 16A - Triac Medium Power Use
More results


Similar Description - BCR16CM-12LCBH0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12FM-12LB RENESAS-BCR12FM-12LB Datasheet
176Kb / 8P
600v - 12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD Datasheet
105Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12PM-12LD RENESAS-BCR12PM-12LD Datasheet
106Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12PM-12LC RENESAS-BCR12PM-12LC_15 Datasheet
198Kb / 8P
600V ??12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB_15 Datasheet
176Kb / 8P
600v - 12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD_15 Datasheet
105Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ_15 Datasheet
110Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12PM-12LD RENESAS-BCR12PM-12LD_15 Datasheet
106Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12CM-12LB RENESAS-BCR12CM-12LB_15 Datasheet
151Kb / 9P
600V - 12A - Triac Medium Power Use
BCR12FM-12LC RENESAS-BCR12FM-12LC Datasheet
508Kb / 9P
600V - 12A - Triac Medium Power Use
Feb. 19, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com