Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16FM-14LB Datasheet (PDF) - Renesas Technology Corp

BCR16FM-14LB Datasheet PDF - Renesas Technology Corp
Part # BCR16FM-14LB
Download  BCR16FM-14LB Download
File Size   524.91 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V - 16A - Triac Medium Power Use

BCR16FM-14LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR16FM-14LB Datasheet PDF - Renesas Technology Corp

Part # BCR16FM-14LB
Download  BCR16FM-14LB Click to download

File Size   524.91 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V - 16A - Triac Medium Power Use

BCR16FM-14LB Datasheet (HTML) - Renesas Technology Corp


BCR16FM-14LB Product details

Features
• IT (RMS) : 16 A
• VDRM : 800 V (Tj=125C)
• Tj: 150 °C
• IFGTI, IRGTI, IRGT III:30 mA(20mA) Note6
• Insulated Type
• Planar Passivation Type
• Viso: 2000V




Similar Part No. - BCR16FM-14LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16FM-14LB#BB0 RENESAS-BCR16FM-14LB#BB0 Datasheet
833Kb / 9P
700V - 16A - Triac
BCR16FM-14LB#BG0 RENESAS-BCR16FM-14LB#BG0 Datasheet
833Kb / 9P
700V - 16A - Triac
BCR16FM-14LB#FA0 RENESAS-BCR16FM-14LB#FA0 Datasheet
833Kb / 9P
700V - 16A - Triac
BCR16FM-14LB#FG0 RENESAS-BCR16FM-14LB#FG0 Datasheet
833Kb / 9P
700V - 16A - Triac
BCR16FM-14LB-1#BG0 RENESAS-BCR16FM-14LB-1#BG0 Datasheet
833Kb / 9P
700V - 16A - Triac
More results


Similar Description - BCR16FM-14LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16FM-14LJ RENESAS-BCR16FM-14LJ Datasheet
112Kb / 8P
700V - 16A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ Datasheet
117Kb / 8P
700V - 16A - Triac Medium Power Use
BCR16FM-14LB RENESAS-BCR16FM-14LB_15 Datasheet
171Kb / 8P
700V - 16A - Triac Medium Power Use
BCR25FM-14LJ RENESAS-BCR25FM-14LJ_15 Datasheet
121Kb / 8P
700V - 25A - Triac Medium Power Use
BCR5FM-14LJ RENESAS-BCR5FM-14LJ_15 Datasheet
106Kb / 8P
700V - 5A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ_15 Datasheet
110Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
700V - 12A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
700V - 16A - Triac Medium Power Use
BCR16FM-14RA RENESAS-BCR16FM-14RA Datasheet
471Kb / 7P
700V - 16A - Triac Medium Power Use
Oct. 10, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com