Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16FR-12LB Datasheet (PDF) - Renesas Technology Corp

BCR16FR-12LB Datasheet PDF - Renesas Technology Corp
Part # BCR16FR-12LB
Download  BCR16FR-12LB Download
File Size   498.38 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 16A - Triac Medium Power Use

BCR16FR-12LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR16FR-12LB Datasheet PDF - Renesas Technology Corp

Part # BCR16FR-12LB
Download  BCR16FR-12LB Click to download

File Size   498.38 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 16A - Triac Medium Power Use

BCR16FR-12LB Datasheet (HTML) - Renesas Technology Corp


BCR16FR-12LB Product details

Features
• IT (RMS) : 16 A
• VDRM : 600 V
• Tj: 150 °C
• IFGTI, IRGTI, IRGT III: 30 mA
• Insulated Type
• Planar Passivation Type
• Viso: 2000V




Similar Part No. - BCR16FR-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16FM-12LB RENESAS-BCR16FM-12LB Datasheet
523Kb / 9P
600V - 16A - Triac Medium Power Use
Feb. 19, 2019
logo
Inchange Semiconductor ...
BCR16FM-12LB ISC-BCR16FM-12LB Datasheet
268Kb / 3P
isc Triacs
logo
Renesas Technology Corp
BCR16FM-12LB-1BB0 RENESAS-BCR16FM-12LB-1BB0 Datasheet
523Kb / 9P
600V - 16A - Triac Medium Power Use
Feb. 19, 2019
BCR16FM-12LB-1BG0 RENESAS-BCR16FM-12LB-1BG0 Datasheet
523Kb / 9P
600V - 16A - Triac Medium Power Use
Feb. 19, 2019
BCR16FM-12LB-1BH0 RENESAS-BCR16FM-12LB-1BH0 Datasheet
523Kb / 9P
600V - 16A - Triac Medium Power Use
Feb. 19, 2019
More results


Similar Description - BCR16FR-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16PR-12LB RENESAS-BCR16PR-12LB Datasheet
68Kb / 4P
600V - 16A - Triac Medium Power Use
BCR16FM-12LB RENESAS-BCR16FM-12LB_15 Datasheet
163Kb / 8P
600V - 16A - Triac Medium Power Use
BCR16PM-12LC RENESAS-BCR16PM-12LC_15 Datasheet
200Kb / 8P
600V ??16A - Triac Medium Power Use
BCR16CM-12LB RENESAS-BCR16CM-12LB_15 Datasheet
164Kb / 9P
600V - 16A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
700V - 16A - Triac Medium Power Use
BCR16CM-12LC RENESAS-BCR16CM-12LC_15 Datasheet
147Kb / 8P
600V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
700V - 16A - Triac Medium Power Use
BCR16PR-12LB RENESAS-BCR16PR-12LB_15 Datasheet
68Kb / 4P
600V - 16A - Triac Medium Power Use
BCR16FM-12LB RENESAS-BCR16FM-12LB Datasheet
523Kb / 9P
600V - 16A - Triac Medium Power Use
Feb. 19, 2019
BCR16FM-12LC RENESAS-BCR16FM-12LC Datasheet
514Kb / 9P
600V - 16A - Triac Medium Power Use
Feb. 19, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com