Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCE45030VLDO Datasheet (PDF) - Renesas Technology Corp

CCE45030VLDO Datasheet PDF - Renesas Technology Corp
Part # CCE45030VLDO
Download  CCE45030VLDO Download
File Size   485.25 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IO-Link Device IC

CCE45030VLDO Datasheet (PDF)

Go To PDF Page Download Datasheet
CCE45030VLDO Datasheet PDF - Renesas Technology Corp

Part # CCE45030VLDO
Download  CCE45030VLDO Click to download

File Size   485.25 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IO-Link Device IC

CCE45030VLDO Datasheet (HTML) - Renesas Technology Corp


CCE45030VLDO Product details

Features
■ IO-Link Compliant Transceiver
■ One IO-Link channel with up to 250 mA permanent
driving current
■ 350 mA peak (typ.)
■ Configurable PNP-, NPN- and
■ Push-Pull mode
■ Configurable current limit
■ Configurable slew rate limitation for optimized
EMC
■ Wake-up detection
■ Small DFN 10-pin package
■ 3 LDO Options with up to 20 mA
■ 3.3V LDO output
■ 5V LDO output
■ External LDO
■ Reverse-polarity protection
■ Overcurrent detection
■ Undervoltage detection
■ Overtemperature detection
Applications
■ IO-Link Sensors
■ IO-Link Actuators
■ High voltage level shifter
■ Industrial automation




Similar Part No. - CCE45030VLDO

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
CCE45030VLDO DIALOG-CCE45030VLDO Datasheet
530Kb / 17P
IO-Link Device IC
More results


Similar Description - CCE45030VLDO

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 1; 2/12
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
logo
STMicroelectronics
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
logo
Maxim Integrated Produc...
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
logo
Dialog Semiconductor
CCE4502 DIALOG-CCE4502 Datasheet
1Mb / 50P
IO-Link Device IC with integrated Frame Handler
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
IO-Link Device IC
logo
Maxim Integrated Produc...
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
logo
Renesas Technology Corp
CCE4502 RENESAS-CCE4502 Datasheet
1Mb / 47P
CCE4502 IO-Link Device IC with Integrated Frame Handler
Mar 8, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com