Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9213-XXFS1BB Datasheet (PDF) - Renesas Technology Corp

DA9213-XXFS1BB Datasheet PDF - Renesas Technology Corp
Part # DA9213-XXFS1BB
Download  DA9213-XXFS1BB Download
File Size   1459.33 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi-Phase 5A/Phase DC-DC Buck Converter

DA9213-XXFS1BB Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9213-XXFS1BB Datasheet PDF - Renesas Technology Corp

Part # DA9213-XXFS1BB
Download  DA9213-XXFS1BB Click to download

File Size   1459.33 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi-Phase 5A/Phase DC-DC Buck Converter

DA9213-XXFS1BB Datasheet (HTML) - Renesas Technology Corp


DA9213-XXFS1BB Product details

Key Features
■ 2.8 V to 5.5 V input voltage
■ 0.3 V to 1.57 V output voltage
■ 1.57 to 4.3 V with resistor divider
■ 20 A DA9213
■ 2 x 10 A DA9214
■ 1 x 15 A + 1x 5 A DA9215
■ 3 MHz nominal switching frequency (allows
use of low profile [1 mm] inductors)
■ ±1 % accuracy (static)
■ ±3 % accuracy (dynamic)
■ Dynamic Voltage Control (DVC)
■ Automatic phase shedding
■ Integrated power switches
■ Remote sensing at point of load
■ I2C/SPI compatible interface
■ Adjustable soft start
■ -40 to +85 ºC temperature range
■ Package 66 WL-CSP 0.4 mm pitch or 66
VFBGA 0.5 mm pitch




Similar Part No. - DA9213-XXFS1BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9213-XXFS1BB RENESAS-DA9213-XXFS1BB Datasheet
1Mb / 62P
Multi-Phase 5 A/Phase DC-DC Buck Converter
Nov 03, 2025
More results


Similar Description - DA9213-XXFS1BB

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210 Datasheet
3Mb / 90P
Multi-Phase 12 A DC-DC Buck Converter
DA9210 DIALOG-DA9210_16 Datasheet
2Mb / 92P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
Multi-Phase 5A/Phase DC-DC Buck Converter
DA9213-A DIALOG-DA9213-A Datasheet
1Mb / 62P
Auto Grade Multi-Phase 5A/Phase Buck Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Renesas Technology Corp
DA9210 RENESAS-DA9210 Datasheet
2Mb / 98P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
28-Feb-2022
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com