Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16805 Datasheet (PDF) - Maxim Integrated Products

MAX16805 Datasheet PDF - Maxim Integrated Products
Part # MAX16805
Download  MAX16805 Download
File Size   876.68 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback

MAX16805 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16805 Datasheet PDF - Maxim Integrated Products

Part # MAX16805
Download  MAX16805 Click to download

File Size   876.68 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback

MAX16805 Datasheet (HTML) - Maxim Integrated Products


MAX16805 Product details

General Description
The MAX16805/MAX16806 LED drivers eliminate the need for microcontrollers or switch-mode converters. An EEPROM-programmable LED current-sense reference simplifies production by using one sense resistor to set the LED current for all LED bins. A dual-mode DIM pin and an onboard 200Hz ramp generator allow for PWM dimming with an analog or PWM control signal. The analog control signal at dimming input DIM allows for the "theater dimming" effect to be implemented. Fast turn-on/-off times ensure a wide-range PWM operation, while waveshaping circuitry minimizes EMI.

Features
● EEPROM or I2C Dynamically Programmable:
    • LED Current Foldback for High Input Voltage
    • LED Current Reference
    • LED Current Thermal Foldback (MAX16806)
● On-Board 200Hz Ramp Generator Eliminates the Need for μC PWM Signal
● Flexible Analog or PWM Control for PWM or Theater Dimming
● Wetting Current and Debounce for Momentary Switch (MAX16806)
● 5.5V to 40V Input with Up to 39V Output Capability
● 35mA to 350mA Adjustable LED Current
● Waveshaping Minimizes EMI During Dimming
● Output Short-Circuit and Overtemperature Protection
● -40°C to +125°C Operating Temperature Range

Applications
● Emergency Vehicle Warning Lights
● Navigation and Marine Indicators




Similar Part No. - MAX16805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805ATP MAXIM-MAX16805ATP Datasheet
305Kb / 19P
EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
More results


Similar Description - MAX16805

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
Constant current LED Drivers
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com