Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14582 Datasheet (PDF) - Renesas Technology Corp

DA14582 Datasheet PDF - Renesas Technology Corp
Part # DA14582
Download  DA14582 Download
File Size   237.86 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Revision History

DA14582 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14582 Datasheet PDF - Renesas Technology Corp

Part # DA14582
Download  DA14582 Click to download

File Size   237.86 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Revision History

DA14582 Datasheet (HTML) - Renesas Technology Corp


DA14582 Product details

1 V3.1 (04-Jan-2022)
• Product status changed to Production, datasheet status changed to Final.
• DA14582 qualified to Bluetooth Specification 4.2. Datasheet title and document content changed accordingly.
• Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
• Order of sections ‘Registers’ and ‘Specifications’ exchanged. Tables, figures and notes renumbered.
• Notes added that DC-DC converter Boost mode is not supported, in section 5 (p.18) and section 7 (p.148).
• Table 1 (Pin Description), p.7:
• Pins VDD and VDDIO: ‘CODEC’ added to pin description.
• Pin VPP: Programming voltage corrected from 6.8 V ± 0.25 V to 6.7 V ± 0.1 V.
• Pin VBAT3V: Text on second output of DC-DC converter removed. Boost mode is not supported.
• Pin VBAT1V: Must be connected to GND. Boost mode is not supported.
• Ordering Information moved to new section 3 (p.8):
• Table 3: Pack Quantity for production orders corrected from 3000 per reel to 4000 per reel.
• Section 4.7.4 (Wake-Up Timer), p.14:
• Added minimum pulse width of 2 sleep clock cycles for wake-up via GPIO.
• Section 4.9 (Power Management), p.16:
• References to Boost mode removed.
• Minimum battery voltage corrected from 2.2 V to 2.35 V.
• Figure 56 (DC-DC Efficiency), p.17: updated.
• Table 17 (PMU_CTRL_REG), p.30: Bits 6 and 7 changed to ‘Reserved’.
• Table 124 (SPI_CTRL_REG), p.94: Definition of SPI_MINT corrected:
• ICU changed to Interrupt Controller.
• Note on shared interrupts (SPI_INT and AD_INT) removed: not applicable.
• Table 289 (Recommended Operating Conditions), p.150:
• TA (ambient temperature): Min/Max values corrected from -40/+85 °C to -20/+60 °C.
• Table 304 (RCX Oscillator: Timing Characteristics), p.158:
• Added parameters TA/t(RCX)100ms, TA/t(RCX)4s:
2 V3.0 (08-Nov-2016)
• Updated logo, disclaimer, copyright.




Similar Part No. - DA14582

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
DA14582-01KA1 DIALOG-DA14582-01KA1 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14582-01KA2 DIALOG-DA14582-01KA2 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
More results


Similar Description - DA14582

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8110 AGERE-T8110 Datasheet
2Mb / 222P
Version History
September 2001
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
The following revision history table summarizes changes contained in this document.
logo
Cyntec Co., Ltd.
CYNVA-175-002 CYNTEC-CYNVA-175-002 Datasheet
969Kb / 8P
The history of revision change for the specification
CYNVA-175-003 CYNTEC-CYNVA-175-003 Datasheet
983Kb / 9P
The history of revision change for the specification
CYNVC-19X-030 CYNTEC-CYNVC-19X-030 Datasheet
998Kb / 8P
The history of revision change for the specification
CYNVC-19X-031 CYNTEC-CYNVC-19X-031 Datasheet
971Kb / 8P
The history of revision change for the specification
CYNVC-19X-032 CYNTEC-CYNVC-19X-032 Datasheet
1Mb / 9P
The history of revision change for the specification
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
Revision History
07-Jan2022
DA14581 RENESAS-DA14581 Datasheet
190Kb / 4P
Revision History
30-Dec-2021
DA14583 RENESAS-DA14583 Datasheet
266Kb / 3P
Revision History
04-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com