Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9223-A Datasheet (PDF) - Renesas Technology Corp

DA9223-A Datasheet PDF - Renesas Technology Corp
Part # DA9223-A
Download  DA9223-A Download
File Size   1418.61 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Auto Grade 0.8 mm Pitch Multi-Phase Buck Converter

DA9223-A Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9223-A Datasheet PDF - Renesas Technology Corp

Part # DA9223-A
Download  DA9223-A Click to download

File Size   1418.61 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Auto Grade 0.8 mm Pitch Multi-Phase Buck Converter

DA9223-A Datasheet (HTML) - Renesas Technology Corp


DA9223-A Product details

Key Features
■ 2.8 V to 5.5 V input voltage
■ 1 x 16 A DA9223-A
■ 2 x 8 A DA9224-A
■ 3 MHz nominal switching frequency (allows
use of low profile [1 mm] inductors)
■ ±1 % accuracy (static)
■ ±3 % accuracy (dynamic)
■ 0.3 V to 1.57 V output voltage
1.57 V to 4.3 V with resistor divider
■ Dynamic Voltage Control (DVC)
■ Automatic phase shedding
■ Integrated power switches
■ Remote sensing at point of load
■ I2C/SPI compatible interface
■ Adjustable soft start
■ -40 °C to +105 ºC temperature range
■ AEC-Q100 grade 2 qualified
■ 66 TFBGA 0.8 mm pitch
Applications
■ In-car infotainment
■ Automotive display clusters
■ Advanced Driver Assistance Systems (ADAS)
■ Navigation and telematics
■ Mobile computing
■ Industrial embedded systems




Similar Part No. - DA9223-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9223-A DIALOG-DA9223-A Datasheet
1Mb / 60P
Auto Grade 0.8 mm Pitch Multi-Phase Buck Converter
More results


Similar Description - DA9223-A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
Multi-Phase Interleaved Buck Converter
logo
ON Semiconductor
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
logo
Dialog Semiconductor
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
Multi-Phase 5A/Phase DC-DC Buck Converter
DA9213-A DIALOG-DA9213-A Datasheet
1Mb / 62P
Auto Grade Multi-Phase 5A/Phase Buck Converter
DA9223-A DIALOG-DA9223-A Datasheet
1Mb / 60P
Auto Grade 0.8 mm Pitch Multi-Phase Buck Converter
logo
Renesas Technology Corp
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com